Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FCPAXT Datasheet(PDF) 1 Page - Fox Electronics

Part # FCPAXT
Description  3.3V, SMD, LV-PECL Oscillator
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FCPAXT Datasheet(HTML) 1 Page - Fox Electronics

  FCPAXT Datasheet HTML 1Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image

FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 3.3V Operation
• HCMOS Output
• Enable/Disable
• Tape and Reel (2,000 pcs. STD)
3.3V LOW PROFILE SMD VCXO
MODEL: VCSAXT SERIES
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, vibration, and Vc = 1.65V.
2 An internal pullup resistor from pin 2 to pin 6 allows active output if pin 2 is left open.
3 Available on an individual inquiry basis.
4
Custom specifications from 45.000 to 80.000 MHz available on an individual inquiry basis.
Note: A 0.01µF bypass capacitor should be placed between Vdd (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
Note: An alternate pin connection with E/D on pin #5 is available.
All specifications subject to change without notice. Rev. 6/1/04
Frequency
Stability1
±25PPM
±25PPM
±50PPM
±50PPM
±25PPM
±25PPM
±50PPM
±50PPM
±100PPM
±100PPM
Operating
Temperature
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
-10 ~ +70(ºC)
-40 ~ +85(ºC)
Frequency
VCS12AXT
VCS12AXTR3
VCS15AXT
VCS15AXTR
VCS22AXT
VCS22AXTR3
VCS25AXT
VCS25AXTR
VCS20AXT
VCS20AXTR
Model
Number
Frequency
Pullability
±50PPM
±50PPM
±50PPM
±50PPM
±100PPM
±100PPM
±100PPM
±100PPM
±100PPM
±100PPM
1.000 ~ 80.0004 MHz
-40ºC ~ +85ºC
3.3V ± 10%
1.65V ± 1.5V
15mA
25mA
50mA
40% ~ 60%
5nS
5nS
10% Vdd
90% Vdd Min
4.0mA Min
-1.0mA Min
15pF
10mS
150nS
±10%
20 kHz
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Control Voltage
(Vc)
Input Current
(Idd)
1.000 ~ 30.000 MHz
30.000+ ~ 45.000 MHz
45.000+ ~ 80.000 MHz
Output Symmetry (50% Vdd)
Rise Time (10% ~ 90% Vdd) (Tr)
Fall Time (90% ~ 10% Vdd) (Tf)
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Start-up Time
(Ts)
Enable/Disable Time 2
Frequency Linearity
Modulation Bandwidth
• ELECTRICAL CHARACTERISTICS
All dimensions are in millimeters.
MAX (unless otherwise noted)
OPTIONS
• Many Stability/Pullability Options
• -40ºC ~ +85ºC Option ('R' Version)
OUTPUT (Pin 4)
ACTIVE
ACTIVE
High Z
• ENAbLE / DISAbLE FUNCTION
INH (Pin 2)
OPEN 2
'1' Level Vih ≥ 70% Vdd
'0' Level Vil ≤ 30% Vdd
Learn more about:
Part Marking Identification
Tape and Reel Specification
Internet required
Part Number
421-Frequency-xxxxx
437-Frequency-xxxxx
422-Frequency-xxxxx
439-Frequency-xxxxx
423-Frequency-xxxxx
443-Frequency-xxxxx
424-Frequency-xxxxx
445-Frequency-xxxxx
425-Frequency-xxxxx
441-Frequency-xxxxx
• PART NUMbER SELECTION Learn More - Internet Required
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
1.000~80.000
FEATURES
• 3.3V Operation
• LV-PECL
• Enable/Disable
• Tape and Reel (2,000 pcs. STD)
All dimensions are in millimeters.
OUTPUT (Pin 4, Pin 5)
ACTIVE
High Z
ACTIVE
• ENAbLE / DISAbLE FUNCTION 2
(Pin 2)
OPEN
'1' Level Vih ≥ Vdd-1.1V
'0' Level Vil ≤ Vdd-1.6V
FCPAXT Series Recommended Circuit
±100PPM
±50PPM
Operating
Temperature
-10 ~ +70 (ºC)
-10 ~ +70 (ºC)
FCP90AXT
FCP95AXT
Model
Number
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, vibration.
2 An internal pulldown resistor from pin 2 to pin 3 allows active output if pin 2 is left open.
Note: A 0.01µF bypass capacitor should be placed between Vdd (Pin 6) and GND (Pin 3) to
minimize power supply line noise.
All specifications subject to change without notice.
• PART NUMbER SELECTION Learn More - Internet Required
Frequency
Range (MHz)
12.000 ~ 600.000
12.000 ~ 600.000
Part Number
728-Frequency-xxxxx
745-Frequency-xxxxx
Frequency
Stability1
12.000 ~ 600.000 MHz
-55ºC ~ +125ºC
3.3V ± 5%
120mA
40% ~ 60%
0.5nS
0.5nS
1.7V
2.2V Min
See Recommended Circuit
10mS
100nS
10mS
-120dBc/Hz
5pS RMS
260ºC / 10 Seconds
1
PARAMETERS
Frequency Range
(Fo)
Storage Temperature Range (Tstg)
Supply Voltage
(Vdd)
Input Current
(Idd)
Output Symmetry (50% Vp-p)
Rise Time (20% ~ 80% Vp-p) (Tr)
Fall Time (80% ~ 20% Vp-p) (Tf)
Output Voltage
(Vol)
(Voh)
Output Load
Start-up Time
(Ts)
Output Disable Time
Output Enable Time
Phase Noise (@ 10kHz)
Phase Jitter (12kHz ~ 20MHz)
Maximum Soldering Temp / Time
Moisture Sensitivity Level (MSL)
• ELECTRICAL CHARACTERISTICS
MAX (unless otherwise noted)
TERMINATIONS: Au
3.3V, SMD, LV-PECL Oscillator
Rev. 3/9/2007 Preliminary
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: FCPAXT Series
Page 1 of 1


Similar Part No. - FCPAXT

ManufacturerPart #DatasheetDescription
logo
Cornell Dubilier Electr...
FCP CDE-FCP Datasheet
291Kb / 8P
Stable Stacked Metallized Film (PPS) Chips for Reflow Soldering
logo
Adam Technologies, Inc.
FCP-34-SG ADAM-TECH-FCP-34-SG Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
FCP-34-SG-E ADAM-TECH-FCP-34-SG-E Datasheet
115Kb / 1P
.100 IDC BOX HEADER .100 X .100 [2.54 X 2.54] CENTERLINE
logo
Apex Electronics Co., L...
FCP-P003 APEX-ELECTRONICS-FCP-P003 Datasheet
895Kb / 6P
Pushbutton Switches, 1M cycles, optional LED, IP67
FCP-P003-2 APEX-ELECTRONICS-FCP-P003-2 Datasheet
895Kb / 6P
Pushbutton Switches, 1M cycles, optional LED, IP67
More results

Similar Description - FCPAXT

ManufacturerPart #DatasheetDescription
logo
Golledge Electronics Lt...
GXOE71 GOLLEDGE-GXOE71 Datasheet
61Kb / 1P
3.3V Complementray LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72 Datasheet
97Kb / 2P
2.5V AND 3.3V LV-PECL Oscillator
logo
Fox Electronics
F4600 FOX-F4600 Datasheet
209Kb / 2P
LV-PECL 7x5mm 3.3V OSCILLATOR
logo
Golledge Electronics Lt...
GXO-E72 GOLLEDGE-GXO-E72_07 Datasheet
88Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
logo
Fox Electronics
VCP35AXT FOX-VCP35AXT Datasheet
143Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
VCP65AXT FOX-VCP65AXT Datasheet
142Kb / 1P
3.3V SMD LV-PECL OSCILLATOR
F4600U FOX-F4600U Datasheet
575Kb / 2P
LV-PECL 3.3V Oscillator
logo
Golledge Electronics Lt...
GXO-E31 GOLLEDGE-GXO-E31 Datasheet
174Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
GXO-E71 GOLLEDGE-GXO-E71_16 Datasheet
151Kb / 2P
3.3V Complementary LV-PECL Oscillator
GXO-E72 GOLLEDGE-GXO-E72_16 Datasheet
197Kb / 2P
2.5V & 3.3V LV-PECL Oscillator
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com