Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCFS1W Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # RCFS1W
Description  Carbon Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RCFS1W Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  RCFS1W Datasheet HTML 1Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 2Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 3Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 4Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 5Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
RCF & RCFS Series
Carbon Film Resistor - Normal & Miniature Style
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 2 of 6
Absolute Maximum Ratings & Characteristics
Note1: For a zero ohm resistor, it is similar to a 1/4W resistor(1/8W size also available,typical
resistance 0.004 Ω.
Power derating curve
For resistors operate in the ambient temperature over 70˚C, loading power ratio will derate in accordance
with following curve.
Description
RCF
08T
RCF
S25T
RCF
25T
RCF
S50T
RCF
50T
RCF
S1W
RCF
1W
RCF
S2W
RCF
2W
RCF
S3W
Unit
Power Rating at 70° C
1/8
1/4
1/4
1/2
1/2
1
1
2
2
3
W
Maximum Working Voltage
150
200
250
300
350
400
500
500
500
500
V
Maximum Overload Voltage
300
400
500
600
700
800
1000
1000
1000
1000
V
Dielectric Withstanding Voltage
300
400
500
500
500
700
1000
1000
1000
1000
V
<100K Ω
+350/-500
±350
100K Ω~1M Ω
+350/-700
+350/-500
Temperature
Coefficient
1M Ω~10M Ω
+350/-1500
+350/-1500
ppm/° C
Resistance
Range(Note1)
(±2%, ±5%)
1~10M
Ω
Operating Temperature Range
-55 to +155
° C
Ambient Temperature (°C)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com