Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCFS1W Datasheet(PDF) 3 Page - TAITRON Components Incorporated

Part # RCFS1W
Description  Carbon Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RCFS1W Datasheet(HTML) 3 Page - TAITRON Components Incorporated

  RCFS1W Datasheet HTML 1Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 2Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 3Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 4Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 5Page - TAITRON Components Incorporated RCFS1W Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
RCF & RCFS Series
Carbon Film Resistor - Normal & Miniature Style
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 3 of 6
Environmental Performance Specification
Packing Information:
Carrier Tape Dimensions (in mm)
Item
Test Methods
Specifications
Short Time Overload
JIS-C-5202 5.5
2.5 Times RCWV for 5 seconds
±(0.75% +0.05Ω)
Dielectric Withstanding
Voltage
JIS-C-5202 5.7
In V-Block for 60 Seconds
by Type
Insulation Resistance
JIS-C-5202 5.6
In V-Block
>1000MΩ
Solderability
JIS-C-5202 6.5
260°C±5°C for 5±0.5 Seconds
Covering 95%
Terminal Strength
Direct Load for 10 Seconds in The Direction of The Terminal Leads
>=2.5kg (24.5N)
Pulse Overload
JIS-C-5202 5.8
4 Times RCWV 1000 Cycle
(1 sec. on, 25 sec. off)
±(1% +0.05Ω)
Load Life in Humidity
JIS-C-5202 7.9
40±2°C , 90-95% RH at RCWV for 1000 hours
(1.5 Hrs. on, 0.5 Hrs. off)
±(3% +0.05Ω)
Load Life
JIS-C-5202 7.10
70°C at RCWV for 1000 Hrs
(1.5 Hrs. on, 0.5 Hrs. off)
±(3% +0.05Ω)
Temperature Cycling
JIS-C-5202 7.4
-55°C
Rom Temp.
+155°C
Rom Temp.
for 5 Cycles
±(1% +0.05Ω)
Resistance to Soldering Heat
JIS-C-5202 6.4
350±10°C for 3±0.5 Seconds
±(1% +0.05Ω)
Type
a
A
B1-B2
S
(Spacing)
T
(Max. Deviation of Spacing)
RCF08T
RCFS25T
6±0.5
52.4±1.5
1.2
5
RCF25T
RCFS50T
6±0.5
52.4±1.5
1.2
5
RCF50T
RCFS1W
6±0.5
52.4±1.5
1.2
5
RCF1W
RCFS2W
6±0.5
73.0±1.5
1.2
5
RCF2W
RCFS3W
6±0.5
73.0±1.5
1.5
10
1mm Per 10 Spacing,
0.5mm per 5 spacing



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com