Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCFS2W Datasheet(PDF) 6 Page - TAITRON Components Incorporated

Part # RCFS2W
Description  Carbon Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RCFS2W Datasheet(HTML) 6 Page - TAITRON Components Incorporated

  RCFS2W Datasheet HTML 1Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 2Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 3Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 4Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 5Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 6 page
background image
RCF & RCFS Series
Carbon Film Resistor - Normal & Miniature Style
Rev. C/JJ 2007-08-10
www.taitroncomponents.com
Page 6 of 6
Tolerance Code
G: ±2%
J: ±5%
Factory Location Code
Series Number
RCF: Carbon Film Resistor
RCFS: Miniature Carbon
Film Resistor
Power Code
08T: 1/8W
1W: 1W
25T:1/4W
2W: 2W
50T: 1/2W
Resistance Value
Example: 102=10x100=1KΩ
Packing Code
How to order:
RCF 2W 20 J - 52 - TR20
How to contact us:
US HEADQUARTERS
28040 WEST HARRISON PARKWAY, VALENCIA, CA 91355-4162
Tel: (800) TAITRON (800) 824-8766 (661) 257-6060
Fax: (800) TAITFAX (800) 824-8329 (661) 257-6415
Email: taitron@taitroncomponents.com
Http://www.taitroncomponents.com
TAITRON COMPONENTS MEXICO, S.A .DE C.V.
BOULEVARD CENTRAL 5000 INTERIOR 5 PARQUE INDUSTRIAL ATITALAQUIA, HIDALGO C.P.
42970 MEXICO
Tel: +52-55-5560-1519
Fax: +52-55-5560-2190
TAITRON COMPONENTS INCORPORATED REPRESENTAÇÕES DO BRASIL LTDA
RUA DOMINGOS DE MORAIS, 2777, 2.ANDAR, SALA 24 SAÚDE - SÃO PAULO-SP 04035-001 BRAZIL
Tel: +55-11-5574-7949
Fax: +55-11-5572-0052
TAITRON COMPONENTS INCORPORATED, SHANGHAI REPRESENTATIVE OFFICE
METROBANK PLASA, 1160 WEST YAN’AN ROAD, SUITE 1502, SHANGHAI, 200052,CHINA
Tel: +86-21-54249942
Fax: +86-21-5424-9931



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com