Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

RCFS2W Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # RCFS2W
Description  Carbon Film Resistor Normal & Miniature Style
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

RCFS2W Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  RCFS2W Datasheet HTML 1Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 2Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 3Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 4Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 5Page - TAITRON Components Incorporated RCFS2W Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Rev. C/JJ 2007-08-10
RCF & RCFS SERIES
CARBON FILM RESISTOR
NORMAL & MINIATURE STYLE
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 6
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Carbon Film Resistor – Normal & Miniature Style
Features
• Low cost
• Excellent long-term stability
• Tolerance: ±2%, ±5%
• ROHS compliant
Mechanical Data
• Exceeds carbon comp MIL-R-11 performance
• Bulk and 52mm tape and reel standard, cut and formed, or radial Panasert/Avisert available upon
request
Dimensions (in mm)
Type
L
D
H
d
RCF08T
RCFS25T
3.4±0.3
1.9±0.2
28±2.0
0.5±0.05
RCF25T
RCFS50T
6.3±0.5
2.4±0.2
28±2.0
0.6±0.05
RCF50T
RCFS1W
9.0±0.5
3.3±0.3
26±2.0
0.6±0.05
RCF1W
RCFS2W
11.5±1.0
4.5±0.5
35±2.0
0.8±0.05
RCF2W
RCFS3W
15.5±1.0
5.0±0.5
33±2.0
0.8±0.05


Similar Part No. - RCFS2W

ManufacturerPart #DatasheetDescription
logo
Raltron Electronics Cor...
RCFA1-1575BP2 RALTRON-RCFA1-1575BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
RCFA1-1890BP2 RALTRON-RCFA1-1890BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
RCFA1-836BP2 RALTRON-RCFA1-836BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
RCFA1-841BP2 RALTRON-RCFA1-841BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
RCFA1-866BP2 RALTRON-RCFA1-866BP2 Datasheet
138Kb / 7P
Dielectric Ceramic Filters and Duplexers
More results

Similar Description - RCFS2W

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
CFR ETC1-CFR Datasheet
52Kb / 2P
Carbon Film Resistors Normal & Miniature Style
MFR ETC1-MFR Datasheet
36Kb / 2P
Metal Film Resistors Normal & Miniature Style
logo
TAITRON Components Inco...
RMF TAITRON-RMF Datasheet
265Kb / 6P
Metal Film Resistor Normal & Miniature Style
RMX TAITRON-RMX Datasheet
281Kb / 8P
Metal Oxide Resistor Normal & Miniature Style
logo
MERITEK ELECTRONICS COR...
CFM MERITEK-CFM Datasheet
464Kb / 2P
Carbon Film MELF Resistor
logo
KOA Speer Electronics, ...
SPR12CT52R103J KOA-SPR12CT52R103J Datasheet
269Kb / 2P
power carbon film leaded resistor
logo
UNIOHM CORPORATION
CM-16 UNIOHM-CM-16 Datasheet
299Kb / 3P
Carbon Film MELF Resistor
logo
List of Unclassifed Man...
CFR-25JT-52 ETC2-CFR-25JT-52 Datasheet
131Kb / 2P
Normal & Miniature Style CFR Series
0207 ETC2-0207 Datasheet
627Kb / 1P
Carbon Film Resistor
logo
Stackpole Electronics, ...
CFM SEI-CFM Datasheet
713Kb / 11P
Carbon Film Resistor
3/3/2022
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com