Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST763AC Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST763AC
Description  3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST763AC Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST763AC Datasheet HTML 2Page - STMicroelectronics ST763AC Datasheet HTML 3Page - STMicroelectronics ST763AC Datasheet HTML 4Page - STMicroelectronics ST763AC Datasheet HTML 5Page - STMicroelectronics ST763AC Datasheet HTML 6Page - STMicroelectronics ST763AC Datasheet HTML 7Page - STMicroelectronics ST763AC Datasheet HTML 8Page - STMicroelectronics ST763AC Datasheet HTML 9Page - STMicroelectronics ST763AC Datasheet HTML 10Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
ST763A SERIES
8/10
DIM.
mm
inch
MIN.
TYP.
MAX.
MIN.
TYP.
MAX.
A3.3
0.130
a1
0.7
0.028
B
1.39
1.65
0.055
0.065
B1
0.91
1.04
0.036
0.041
b0.5
0.020
b1
0.38
0.5
0.015
0.020
D9.8
0.386
E8.8
0.346
e2.54
0.100
e3
7.62
0.300
e4
7.62
0.300
F7.1
0.280
I4.8
0.189
L3.3
0.130
Z
0.44
1.6
0.017
0.063
P001F
Plastic DIP-8 MECHANICAL DATA



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com