Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST763AC Datasheet (PDF) - STMicroelectronics

ST763AC Datasheet PDF - STMicroelectronics
Part # ST763AC
Download  ST763AC Download
File Size   252.15 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS

ST763AC Datasheet (PDF)

Go To PDF Page Download Datasheet
ST763AC Datasheet PDF - STMicroelectronics

Part # ST763AC
Download  ST763AC Click to download

File Size   252.15 Kbytes
Page   10 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS

ST763AC Datasheet (HTML) - STMicroelectronics


ST763AC Product details

DESCRIPTION
The ST763A is a step-down switching regulator . It operates from 3.3V to 11V giving a fixed 3.3V output voltage, delivering up to 500mA. The mainly features are typical efficiency of 90%, quiescent current of 0.6mA, and only 0.2µA in shut-down.

■ OUTPUT VOLTAGE 3.3V
■ SUPPLY VOLTAGE RANGE FROM 3.3V TO 11V
■ GUARANTEED OUTPUT CURRENT: 500mA
■ TYPICAL OPERATION FREQUENCY: 200KHz
■ VERY LOW QUIESCENT CURRENT: 0.6mA ON MODE 0.2µA OFF MODE
■ SWITCH ON/OFF CONTROL
■ TYPICAL EFFICENCY: 90%
■ OPERATING TEMPERATURE RANGE: -40°C TO 85°C
■ AVAILABLE IN SO-8 AND DIP-8 PACKAGES




Similar Part No. - ST763AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
More results


Similar Description - ST763AC

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com