Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST763 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST763
Description  3.3V STEP DOWN CURRENT MODE PWM DC-DC CONVERTERS
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST763 Datasheet(HTML) 1 Page - STMicroelectronics

  ST763 Datasheet HTML 1Page - STMicroelectronics ST763 Datasheet HTML 2Page - STMicroelectronics ST763 Datasheet HTML 3Page - STMicroelectronics ST763 Datasheet HTML 4Page - STMicroelectronics ST763 Datasheet HTML 5Page - STMicroelectronics ST763 Datasheet HTML 6Page - STMicroelectronics ST763 Datasheet HTML 7Page - STMicroelectronics ST763 Datasheet HTML 8Page - STMicroelectronics ST763 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
1/10
November 2000
s
OUTPUT VOLTAGE 3.3V
s
SUPPLY VOLTAGE RANGE FROM 3.3V TO
11V
s
GUARANTEED OUTPUT CURRENT: 500mA
s
TYPICAL OPERATION FREQUENCY:
200KHz
s
VERY LOW QUIESCENT CURRENT: 0.6mA
ON MODE 0.2
µA OFF MODE
s
SWITCH ON/OFF CONTROL
s
TYPICAL EFFICENCY: 90%
s
OPERATING TEMPERATURE RANGE:
-40°C TO 85°C
s
AVAILABLE IN SO-8 AND DIP-8 PACKAGES
DESCRIPTION
The ST763A is a step-down switching regulator . It
operates from 3.3V to 11V giving a fixed 3.3V
output voltage, delivering up to 500mA. The
mainly features are typical efficiency of 90%,
quiescent current of 0.6mA, and only 0.2
µA in
shut-down.
The PWM current mode control provides precise
output
regulation
and
very
good
transient
response. Output voltage accuracy is guaranteed
to be
±5% over line, load and temperature
variations.
A
minimum
number
of
external
components is used and the fixed frequency
switching allows easy filtering of output ripple and
noise.
Other features of this ddevice are cycle-by-clicle
current limiting, overcurrent limiting, under voltage
lockout and programmable soft-start protection.
A 22
µH inductor works in most applications, so no
sophisticated design is necessary.
Package available are SO-8 and DIP-8.
Typical application are in 5V to 3.3V converters,
cellular phones, portable instruments, hand-held
computers, and peripherals.
ST763A
SERIES
3.3V STEP DOWN
CURRENT MODE PWM DC-DC CONVERTERS
SCHEMATIC DIAGRAM
DIP-8
SO-8


Similar Part No. - ST763

ManufacturerPart #DatasheetDescription
logo
Sitronix Technology Co....
ST7632 SITRONIX-ST7632 Datasheet
1Mb / 96P
4K Color Dot Matrix LCD Controller/Driver
ST7636 SITRONIX-ST7636 Datasheet
1Mb / 99P
65K Color Dot Matrix LCD Controller/Driver
ST7636R SITRONIX-ST7636R Datasheet
1Mb / 109P
65K Color Dot Matrix LCD Controller/Driver
ST7637 SITRONIX-ST7637 Datasheet
2Mb / 210P
65K 132x132 Color Dot Matrix LCD Controller/Driver
logo
STMicroelectronics
ST763A STMICROELECTRONICS-ST763A Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
More results

Similar Description - ST763

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST730A STMICROELECTRONICS-ST730A Datasheet
260Kb / 9P
5V STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
ST750A STMICROELECTRONICS-ST750A Datasheet
240Kb / 9P
ADJUSTABLE STEP-DOWN, CURRENT-MODE PWM DC-DC CONVERTERS
Jan-2003
logo
Maxim Integrated Produc...
MAX730A MAXIM-MAX730A Datasheet
229Kb / 16P
5V, Step-Down, Current-Mode PWM DC-DC Converters
19-0165; Rev 2; 1/96
MAX748A MAXIM-MAX748A Datasheet
135Kb / 12P
3.3V, Step-Down, Current-Mode PWM DC-DC Converters
Rev 0; 9/93
logo
Torex Semiconductor
XC6375 TOREX-XC6375 Datasheet
34Kb / 4P
PWM Controlled, Step down DC/DC Converters
logo
STMicroelectronics
ST750A STMICROELECTRONICS-ST750A_07 Datasheet
266Kb / 14P
Adjustable step-down, current-mode PWM DC-DC converters
29-May-2007
ST763A STMICROELECTRONICS-ST763A_07 Datasheet
261Kb / 14P
3.3V Step down current mode PWM DC-DC converters
29-May-2007
logo
Asahi Kasei Microsystem...
AL2010 AKM-AL2010 Datasheet
777Kb / 13P
Current-Mode PWM Step-Down DC-DC Convertor
logo
HuaXinAn Electronics CO...
AP2403 HUAXINAN-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
logo
Asahi Kasei Microsystem...
AP2403 AKM-AP2403 Datasheet
830Kb / 20P
Current-Mode PWM Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com