Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 64Page - STMicroelectronics ST7SCR Datasheet HTML 65Page - STMicroelectronics ST7SCR Datasheet HTML 66Page - STMicroelectronics ST7SCR Datasheet HTML 67Page - STMicroelectronics ST7SCR Datasheet HTML 68Page - STMicroelectronics ST7SCR Datasheet HTML 69Page - STMicroelectronics ST7SCR Datasheet HTML 70Page - STMicroelectronics ST7SCR Datasheet HTML 71Page - STMicroelectronics ST7SCR Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 102 page
background image
ST7SCR
68/102
SMARTCARD INTERFACE (Cont’d)
SMARTCARD INTERRUPT PENDING REGIS-
TER (CRDIPR)
Read Only
Reset Value: 0000 0000 (00h)
This register indicates the interrupt source. It is
cleared after a read operation.
Bit 7 = TXBEP
Transmit buffer empty interrupt
pending.
This bit is set by hardware when a TXBE event oc-
curs and the TXBEM bit is set.
0: No TXBE interrupt pending
1: TXBE interrupt pending
Bit 6 = Reserved.
Bit 5 = IOVF
Card Overload Current interrupt
pending.
This bit is set by hardware when a IOVF event oc-
curs and the IOVFM bit is set.
0: No IOVF interrupt pending
1: IOVF interrupt pending
Bit 4 = VCRDP
Card Voltage Error interrupt pend-
ing.
This bit is set by hardware when the VCARDOK bit
goes from 1 to 0 while the VCRDM bit is set.
0: No VCRD interrupt pending.
1: VCRD interrupt pending.
Bit 3 = WTP
Waiting Timer Overflow interrupt
pending.
This bit is set by hardware when a WTP event oc-
curs and the WTPM bit is set.
0: No WT interrupt pending
1: WT interrupt pending
Bit 2 = TXCP
Transmitted character interrupt
pending.
This bit is set by hardware when a character is
transmitted and the TXCM bit is set. It indicates
that the CRDTXB buffer can be loaded with the
next character to be transmitted.
0: No TXC interrupt pending
1: TXC interrupt pending
Bit 1 = RXCP
Received character interrupt pend-
ing.
This bit is set by hardware when a character is re-
ceived and the RXCM bit is set. It indicates that the
CRDRXB buffer can be read.
0: No RXC interrupt pending
1: RXC interrupt pending
Bit 0 = PARP
Parity Error interrupt pending.
This bit is set by hardware when a PAR event oc-
curs and the PARM bit is set.
0: No PAR interrupt pending
1: PAR interrupt pending
SMARTCARD TRANSMIT BUFFER (CRDTXB)
Read/Write
Reset Value: 0000 0000 (00h)
This register is used to send a byte to the smart-
card.
SMARTCARD RECEIVE BUFFER (CRDRXB)
Read
Reset Value: 0000 0000 (00h)
This register is used to receive a byte from the
smartcard.
70
TXBE
P
-IOVF
P
VCRD
P
WTP
TXCP
RXC
P
PAR
P
70
TB7
TB6
TB5
TB4
TB3
TB2
TB1
TB0
70
RB7
RB6
RB5
RB4
RB3
RB2
RB1
RB0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com