Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7SCR Datasheet(PDF) 99 Page - STMicroelectronics

Part # ST7SCR
Description  8-BIT LOW-POWER, FULL-SPEED USB MCU WITH 16K FLASH, 768 RAM, SMARTCARD I/F, TIMER
PDF  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7SCR Datasheet(HTML) 99 Page - STMicroelectronics

Back Button ST7SCR Datasheet HTML 94Page - STMicroelectronics ST7SCR Datasheet HTML 95Page - STMicroelectronics ST7SCR Datasheet HTML 96Page - STMicroelectronics ST7SCR Datasheet HTML 97Page - STMicroelectronics ST7SCR Datasheet HTML 98Page - STMicroelectronics ST7SCR Datasheet HTML 99Page - STMicroelectronics ST7SCR Datasheet HTML 100Page - STMicroelectronics ST7SCR Datasheet HTML 101Page - STMicroelectronics ST7SCR Datasheet HTML 102Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 99 / 102 page
background image
Rev. 1.2
March 2003
99/102
ERRATA SHEET
ST7SCR LIMITATIONS AND CORRECTIONS
18 SILICON IDENTIFICATION
This document refers only to ST7FSCR devices shown in Table 25. They are identifiable both
by the last letter of the Trace code marked on the device package and by the last 3 digits of
the Internal Sales Type printed on the box label (see also Figure 51)
Table 25. Device Identification
19 REFERENCE SPECIFICATION
ST7SCR Datasheet 1.3 (March 2003).
20 SILICON LIMITATIONS
20.1 UNEXPECTED RESET FETCH
If an interrupt request occurs while a "POP CC" instruction is executed, the interrupt controller
does not recognise the source of the interrupt and, by default, passes the RESET vector ad-
dress to the CPU.
To solve this issue, a "POP CC" instruction must always be preceded by a "SIM" instruction.
20.2 USB: TWO CONSECUTIVE SETUP TOKENS
Description
When two consecutive SETUP tokens are received and the software does not have time to
write the value 8 in the Endpoint 0 Reception Counter Register (CNT0RXR), the data associ-
ated with the second SETUP are not copied to the buffer.
Impact
The impact depends on the host behaviour. In the USB Spec 2.0 it is stated (chapter 5.5.5
p43) that: “A Setup transaction should not normally be sent before the completion of a pre-
vious control transfer. However, if a transfer is aborted, for example, due to errors on the bus,
the host can send the next Setup transaction prematurely from the endpoint’s perspective”. If
the new Setup token is sent because an error occurs in the previous one, it should contain the
same data so no application malfunction will occur.
Trace Code marked on device
Internal Sales Type on box label
Flash Devices:
“xxxxxxxxxX”
7FSCRxxxx$M1
7FSCRxxxx$T1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com