Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F310 Datasheet(PDF) 2 Page - Fox Electronics

Part # F310
Description  HCMOS 3.2x2.5mm 1.8V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F310 Datasheet(HTML) 2 Page - Fox Electronics

  F310 Datasheet HTML 1Page - Fox Electronics F310 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
21
FOX
Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA
Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
HcMOS 3.2x2.5mm 1.8V SMD Oscillator
Rev. 7/25/2007
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F310 Series
HcMOS 3.2x2.5mm 1.8V SMD Oscillator
Rev. 7/25/2007
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F310 Series
Page 1 of 2
• TAPE SPEciFicATiOnS (millimeters)
MODEl
F310 Series
A
1.5
b
4.0
c
4.0
D
3.5
E
8.0
F
1.3
STD Reel QTY
2,000
• REEl SPEciFicATiOnS (millimeters)
G
2.0
H
13
i
21
J
60
K
180
l
9.0
M
1.2
MODEl
F310 Series



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com