Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

F310 Datasheet(PDF) 1 Page - Fox Electronics

Part # F310
Description  HCMOS 3.2x2.5mm 1.8V SMD Oscillator
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

F310 Datasheet(HTML) 1 Page - Fox Electronics

  F310 Datasheet HTML 1Page - Fox Electronics F310 Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FOX
Electronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA
Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Taiwan Tel: +886.2.22073427 Fax +886.2.22073486
| Japan Tel: +81.3.3374/2079 Fax: +81.3.3374.5221
© 2007 FOX ELECTRONICS | ISO9001:2000 Certified
FEATURES
• 1.8V Operation
• HCMOS Output
• Low Power Consumption
• Standby Function
• Tape and Reel (2,000 pcs. STD)
OUTPUT (Pin 3)
ACTIVE
ACTIVE
High Z
• EnAblE / DiSAblE FUncTiOn
INH (Pin 1)
OPEN 2
'1' Level Vih
≥ 70% Vdd
'0' Level Vil
≤ 30% Vdd
PREliMinARY
Frequency
Stability1
Operating
Temperature (ºC)
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
-10 ~ +70
-40 ~ +85
Frequency
Range (MHz)
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
1.800 ~ 50.000
F310
F310R
F315
F315R
F316
F316R
Model
Number
Part Number
665-Frequency-xxxxx
676-Frequency-xxxxx
667-Frequency-xxxxx
758-Frequency-xxxxx
668-Frequency-xxxxx
759-Frequency-xxxxx
±100 PPM
±100 PPM
±50 PPM
±50 PPM
±25 PPM
±25 PPM
• PART nUMbER SElEcTiOn Learn More - Internet Required
1 Inclusive of 25ºC tolerance, operating temperature range, input voltage change, load change, aging,
shock, and vibration.
2 An internal pullup resistor from pin 1 to pin 4 allows active output if pin 1 is left open.
Note: A 0.01µF bypass capacitor should be placed between VDD (Pin 4) and GND (Pin 2) to
minimize power supply line noise.
All specifications subject to change without notice.
1.800 ~ 50.000 MHz
-10ºC ~ +70ºC
-55ºC ~ +125ºC
1.8V ± 5%
7mA
15mA
40% ~ 60%
5nS
3.5nS
5nS
3.5nS
20% Vdd
80% Vdd Min
2mA Min
-2mA Min
15pF
10µA
10mS
300nS
10mS
PARAMETERS
Frequency Range
(Fo)
Temperature Range (Tstg)
Operating
Storage
Supply Voltage
(Vdd)
Input Current
(Idd)
1.800 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Output Symmetry (50% Vdd)
Rise Time(20% ~ 80% Vdd) (Tr)
1.800 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Fall Time (80% ~ 20% Vdd) (Tf)
1.800 ~ 32.100 MHz
32.100+ ~ 50.000 MHz
Output Voltage
(Vol)
(Voh)
Output Current
(Iol)
(Ioh)
Output Load
(HCMOS)
Standby Current
Start-up Time
(Ts)
Output Disable Time 2
Output Enable Time 2
• ElEcTRicAl cHARAcTERiSTicS
MAX (unless otherwise noted)
HcMOS 3.2x2.5mm 1.8V SMD Oscillator
Rev. 7/25/2007
RoHS compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: F310 Series
Page 1 of 2
All dimensions are in millimeters.
Pin connection
#1 E/D**
#3 Output
#2 GND
#4 VDD
3.2 ± 0.2
1.2 M ax
1.3
1.3
0.8
0.4
Solder Pad Layout
Recommended
2.5 ± 0.2
1.2
0.7
0.9
0.8
#1
#2
#4
#3


Similar Part No. - F310

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F310 FOX-F310 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
More results

Similar Description - F310

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
F340 FOX-F340 Datasheet
85Kb / 2P
HCMOS 3.2x2.5mm 2.5V SMD Oscillator
F330A FOX-F330A Datasheet
235Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F330 FOX-F330 Datasheet
102Kb / 2P
HCMOS 3.2x2.5mm 3.3V SMD Oscillator
F316R-12.000 FOX-F316R-12.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-12.288 FOX-F316R-12.288 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-20.000 FOX-F316R-20.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-24.000 FOX-F316R-24.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
F316R-48.000 FOX-F316R-48.000 Datasheet
431Kb / 2P
HCMOS 3.2x2.5mm 1.8V SMD Oscillator
O3HL FOX-O3HL Datasheet
242Kb / 3P
HCMOS 3.2x2.5mm SMD Oscillator
O3HS FOX-O3HS Datasheet
343Kb / 7P
HCMOS 3.2x2.5mm SMD Oscillator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com