Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29 Datasheet(PDF) 96 Page - STMicroelectronics

Part # ST7FLITE29
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29 Datasheet(HTML) 96 Page - STMicroelectronics

Back Button ST7FLITE29 Datasheet HTML 92Page - STMicroelectronics ST7FLITE29 Datasheet HTML 93Page - STMicroelectronics ST7FLITE29 Datasheet HTML 94Page - STMicroelectronics ST7FLITE29 Datasheet HTML 95Page - STMicroelectronics ST7FLITE29 Datasheet HTML 96Page - STMicroelectronics ST7FLITE29 Datasheet HTML 97Page - STMicroelectronics ST7FLITE29 Datasheet HTML 98Page - STMicroelectronics ST7FLITE29 Datasheet HTML 99Page - STMicroelectronics ST7FLITE29 Datasheet HTML 100Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 131 page
background image
ST7LITE2
96/131
OPERATING CONDITIONS (Cont’d)
13.3.4.2 Devices with ‘”6” order code suffix (tested for TA = -40 to +85°C) @ VDD = 2.7 to 3.3V
Notes:
1. Data based on characterization results, not tested in production
2. RCCR1 is a factory-calibrated setting for 700MHz with ±0.2 accuracy @ TA =25°C, VDD=3V. See “INTERNAL RC OS-
CILLATOR ADJUSTMENT” on page 23.
3. Guaranteed by design.
4. Averaged over a 4ms period. After the LOCKED bit is set, a period of tSTAB is required to reach ACCPLL accuracy
5. After the LOCKED bit is set ACCPLL is max. 10% until tSTAB has elapsed. See Figure 12 on page 24.
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
fRC
Internal RC oscillator fre-
quency
RCCR = FF (reset value), TA=25°C, VDD= 3.0V
560
kHz
RCCR=RCCR12) ,TA=25°C,VDD= 3V
700
ACCRC
Accuracy of Internal RC
oscillator when calibrated
with RCCR=RCCR11)2)
TA=25°C,VDD=3V
-2
+2
%
TA=25°C,VDD=2.7 to 3.3V
-25
+25
%
TA=-40 to +85°C,VDD=3V
-15
15
%
IDD(RC)
RC oscillator current con-
sumption
TA=25°C,VDD=3V
7001)
µA
tsu(RC)
RC oscillator setup time
TA=25°C,VDD=3V
102)
µs
fPLL
x4 PLL input clock
11)
MHz
tLOCK
PLL Lock time5)
2ms
tSTAB
PLL Stabilization time5)
4ms
ACCPLL
x4 PLL Accuracy
fRC = 1MHz@TA=25°C,VDD=2.7 to 3.3V
0.14)
%
fRC = 1MHz@TA=40 to +85°C,VDD= 3V
0.14)
%
tw(JIT)
PLL jitter period
fRC = 1MHz
83)
kHz
JITPLL
PLL jitter (
∆f
CPU/fCPU)1
3)
%
IDD(PLL)
PLL current consumption TA=25°C
1901)
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com