Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29 Datasheet(PDF) 100 Page - STMicroelectronics

Part # ST7FLITE29
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29 Datasheet(HTML) 100 Page - STMicroelectronics

Back Button ST7FLITE29 Datasheet HTML 96Page - STMicroelectronics ST7FLITE29 Datasheet HTML 97Page - STMicroelectronics ST7FLITE29 Datasheet HTML 98Page - STMicroelectronics ST7FLITE29 Datasheet HTML 99Page - STMicroelectronics ST7FLITE29 Datasheet HTML 100Page - STMicroelectronics ST7FLITE29 Datasheet HTML 101Page - STMicroelectronics ST7FLITE29 Datasheet HTML 102Page - STMicroelectronics ST7FLITE29 Datasheet HTML 103Page - STMicroelectronics ST7FLITE29 Datasheet HTML 104Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 131 page
background image
ST7LITE2
100/131
SUPPLY CURRENT CHARACTERISITCS (Cont’d)
Figure 62. Typical IDD in WAIT vs. fCPU
Figure 63. Typical IDD in SLOW-WAIT vs. fCPU
Figure 64. Typical IDD in AWUFH mode
at TA=25°C
Figure 65. Typical IDD vs. Temperature
at VDD = 5V and fCPU = 8MHz
13.4.2 On-chip peripherals
1. Data based on a differential IDD measurement between reset configuration (timer stopped) and a timer running in PWM
mode at fcpu=8MHz.
2. Data based on a differential IDD measurement between reset configuration and a permanent SPI master communica-
tion (data sent equal to 55h).
3. Data based on a differential IDD measurement between reset configuration and continuous A/D conversions with am-
plifier off.
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2
2.5
3
3.5
4
4.5
5
5.5
6
Vdd (V)
250 KHz
125 KHz
62.5 Khz
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
2
2.5
3
3.5
4
4.5
5
5.5
6
Vdd (V)
250 KHz
125 KHz
62.5 Khz
0.000
0.005
0.010
0.015
0.020
0.025
0.030
0.035
2.0
2.5
3.0
3.5
4.0
4.5
5.0
5.5
6.0
Vdd(V)
fawu_rc ~125 KHz
2.0
3.0
4.0
5.0
6.0
7.0
8.0
2.4
2.8
3.2
3.6
4
4.4
4.8
5.2
5.6
Vdd (V)
25°
-45°
90°
130°
Symbol
Parameter
Conditions
Typ
Unit
IDD(AT)
12-bit Auto-Reload Timer supply current 1)
fCPU=4MHz
VDD=3.0V
50
µA
fCPU=8MHz
VDD=5.0V
150
IDD(SPI)
SPI supply current 2)
fCPU=4MHz
VDD=3.0V
50
fCPU=8MHz
VDD=5.0V
300
IDD(ADC)
ADC supply current when converting 3)
fADC=4MHz
VDD=3.0V
TBD
VDD=5.0V
TBD
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com