Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29 Datasheet(PDF) 118 Page - STMicroelectronics

Part # ST7FLITE29
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29 Datasheet(HTML) 118 Page - STMicroelectronics

Back Button ST7FLITE29 Datasheet HTML 114Page - STMicroelectronics ST7FLITE29 Datasheet HTML 115Page - STMicroelectronics ST7FLITE29 Datasheet HTML 116Page - STMicroelectronics ST7FLITE29 Datasheet HTML 117Page - STMicroelectronics ST7FLITE29 Datasheet HTML 118Page - STMicroelectronics ST7FLITE29 Datasheet HTML 119Page - STMicroelectronics ST7FLITE29 Datasheet HTML 120Page - STMicroelectronics ST7FLITE29 Datasheet HTML 121Page - STMicroelectronics ST7FLITE29 Datasheet HTML 122Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 118 / 131 page
background image
ST7LITE2
118/131
ADC CHARACTERISTICS (Cont’d)
Figure 94. ADC Accuracy Characteristics with amplifier enabled
Note: When the AMPSEL bit in the ADCDRL register is set, it is mandatory that fADC be less than or equal
to 2 MHz. (if fCPU=8MHz. then SPEED=0, SLOW=1).
EO
EG
1LSBIDEAL
1LSB
IDEAL
V
DD
V
SS
–
1024
--------------------------------
=
Vin (LSBIDEAL)
(1) Example of an actual transfer curve
(2) The ideal transfer curve
(3) End point correlation line
ET=Total Unadjusted Error: maximum deviation
between the actual and the ideal transfer curves.
EO=Offset Error: deviation between the first actual
transition and the first ideal one.
EG=Gain Error: deviation between the last ideal
transition and the last actual one.
ED=Differential Linearity Error: maximum deviation
between actual steps and the ideal one.
EL=Integral Linearity Error: maximum deviation
between any actual transition and the end point
correlation line.
Digital Result ADCDR
704
108
0
1
2
345
67
701 702 703 704
(1)
(2)
ET
ED
EL
(3)
VSS
430mV
62.5mV
Vin (OPAMP)
Vin
Vout (ADC input)
Vmax
Vmin
430mV
0V
Noise
(OPAMP input)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com