Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST7FLITE29 Datasheet(PDF) 123 Page - STMicroelectronics

Part # ST7FLITE29
Description  8-BIT MCU WITH SINGLE VOLTAGE FLASH MEMORY, DATA EEPROM, ADC, TIMERS, SPI
PDF  131 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST7FLITE29 Datasheet(HTML) 123 Page - STMicroelectronics

Back Button ST7FLITE29 Datasheet HTML 119Page - STMicroelectronics ST7FLITE29 Datasheet HTML 120Page - STMicroelectronics ST7FLITE29 Datasheet HTML 121Page - STMicroelectronics ST7FLITE29 Datasheet HTML 122Page - STMicroelectronics ST7FLITE29 Datasheet HTML 123Page - STMicroelectronics ST7FLITE29 Datasheet HTML 124Page - STMicroelectronics ST7FLITE29 Datasheet HTML 125Page - STMicroelectronics ST7FLITE29 Datasheet HTML 126Page - STMicroelectronics ST7FLITE29 Datasheet HTML 127Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 123 / 131 page
background image
ST7LITE2
123/131
15 DEVICE CONFIGURATION AND ORDERING INFORMATION
Each device is available for production in a user
programmable version (FLASH). FLASH devices
are shipped to customers with a default content
(FFh). This implies that FLASH devices have to be
configured by the customer using the Option
Bytes.
15.1 OPTION BYTES
The two option bytes allow the hardware configu-
ration of the microcontroller to be selected.
The option bytes can be accessed only in pro-
gramming mode (for example using a standard
ST7 programming tool).
OPTION BYTE 0
OPT7 = Reserved, must always be 1.
OPT6:4 = OSCRANGE[2:0]
Oscillator range
When the internal RC oscillator is not selected
(Option OSC=1), these option bits select the range
of the resonator oscillator current source or the ex-
ternal clock source.
Note: When the internal RC oscillator is selected,
the OSCRANGE option bits must be kept at their
default value in order to select the 256 clock cycle
delay (see Section 7.5).
OPT3:2 = SEC[1:0]
Sector 0 size definition
These option bits indicate the size of sector 0 ac-
cording to the following table.
OPT1 = FMP_R
Read-out protection
This option indicates if the FLASH program mem-
ory and Data EEPROM is protected against pira-
cy. The read-out protection blocks access to the
program and data areas in any mode except user
mode and IAP mode. Erasing the option bytes
when the FMP_R option is selected will cause the
whole memory to be erased first and the device
can be reprogrammed. Refer to the ST7 Flash
Programming Reference Manual and section 4.5
on page 14 for more details
0: Read-out protection off
1: Read-out protection on
OPT0 = FMP_W
FLASH write protection
This option indicates if the FLASH program mem-
ory is write protected.
Warning: When this option is selected, the pro-
gram memory (and the option bit itself) can never
be erased or programmed again.
0: Write protection off
1: Write protection on
OSCRANGE
21
0
Typ.
frequency
range with
Resonator
LP
1~2MHz
0
0
0
MP
2~4MHz
0
0
1
MS
4~8MHz
0
1
0
HS
8~16MHz
0
1
1
VLP 32.768kHz
1
0
0
External
Clock source:
CLKIN
on OSC1
1
0
1
on PB4
1
1
1
Reserved
1
1
0
Sector 0 Size
SEC1
SEC0
0.5k
00
1k
01
2k
10
4k
11
OPTION BYTE 0
70
OPTION BYTE 1
70
Res.
OSCRANGE
2:0
SEC1 SEC0
FMP
R
FMP
W
PLL
x4x8
PLL
OFF
PLL32
OFF
OSC LVD1 LVD0
WDG
SW
WDG
HALT
Default
Value
1111
1
1
0
0
1
1
1
0
1111



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com