Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 73 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 73 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 69Page - STMicroelectronics ST90135 Datasheet HTML 70Page - STMicroelectronics ST90135 Datasheet HTML 71Page - STMicroelectronics ST90135 Datasheet HTML 72Page - STMicroelectronics ST90135 Datasheet HTML 73Page - STMicroelectronics ST90135 Datasheet HTML 74Page - STMicroelectronics ST90135 Datasheet HTML 75Page - STMicroelectronics ST90135 Datasheet HTML 76Page - STMicroelectronics ST90135 Datasheet HTML 77Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 190 page
background image
73/190
ST90158 - RESET AND CLOCK CONTROL UNIT (RCCU)
Figure 35. Example of Low Power mode programming in WFI using CLOCK2/16
User’s Program
WFI instruction
PROGRAM FLOW
INTCLK FREQUENCY
Interrupt
PLL multiply factor
Divider factor set
Wait for the PLL to lock
Wait For Interrupt
No code is executed until
Interrupt serviced
set to 6
to 1, and PLL turned ON
an interrupt is requested
Low Power Mode enabled
2MHz
12 MHz
2MHz
12 MHz
*T1 = PLL lock-in time
T1*
T1*
FXtal = 4 MHz, VDD = 2.7 V min
WAIT
CSU_CKSEL
← 1
PLL is system clock source
PLL switched on
125 KHz
in WFI state
User’s Program
activated
PLL is system clock source
Wait for the PLL to lock
WAIT
LPOWF I
← 1
WFI status
Interrupt Routine
CSU_CKSEL
← 1
DX2-0
← 000
MX(1:0)
← 01
Reset State
CLOCK2/16 selected and PLL
automatically
Begin
CLOCK2 selected
stopped
Execution of user program
resumes at full speed
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com