Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 80 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 80 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 76Page - STMicroelectronics ST90135 Datasheet HTML 77Page - STMicroelectronics ST90135 Datasheet HTML 78Page - STMicroelectronics ST90135 Datasheet HTML 79Page - STMicroelectronics ST90135 Datasheet HTML 80Page - STMicroelectronics ST90135 Datasheet HTML 81Page - STMicroelectronics ST90135 Datasheet HTML 82Page - STMicroelectronics ST90135 Datasheet HTML 83Page - STMicroelectronics ST90135 Datasheet HTML 84Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 190 page
background image
80/190
ST90158 - RESET AND CLOCK CONTROL UNIT (RCCU)
RESET/STOP MANAGER (Cont’d)
The on-chip Timer/Watchdog generates a reset
condition if the Watchdog mode is enabled
(WCR.WDEN cleared, R252 page 0), and if the
programmed period elapses without the specific
code (AAh, 55h) written to the appropriate register.
The input pin RESET is not driven low by the on-
chip reset generated by the Timer/Watchdog.
When the RESET pin goes high again, 510 oscilla-
tor clock cycles (CLOCK1) are counted before ex-
iting the Reset state (+-1 CLOCK1 period, depend-
ing on the delay between the rising edge of the RE-
SET pin and the first rising edge of CLOCK1). Sub-
sequently a short Boot routine is executed from the
device internal Boot ROM, and control then passes
to the user program.
The Boot routine sets the device characteristics
and loads the correct values in the Memory Man-
agement Unit’s pointer registers, so that these
point to the physical memory areas as mapped in
the specific device. The precise duration of this
short Boot routine varies from device to device,
depending on the Boot ROM contents.
At the end of the Boot routine the Program Coun-
ter will be set to the location specified in the Reset
Vector located in the lowest two bytes of memory.
6.6.1 RESET Pin Timing
To improve the noise immunity of the device, the
RESET pin has a Schmitt trigger input circuit with
hysteresis. In addition, a filter will prevent an un-
wanted reset in case of a single glitch of less than
50 ns on the RESET pin. The device is certain to
reset if a negative pulse of more than 20
µs is ap-
plied. When the RESET pin goes high again, a de-
lay of up to 4
µs will elapse before the RCCU de-
tects this rising front. From this event on, 510 os-
cillator clock cycles (CLOCK1) are counted before
exiting the Reset state (+-1CLOCK1 period de-
pending on the delay between the positive edge
the RCCU detects and the first rising edge of
CLOCK1)
If the ST9 is a ROMLESS version, without on-chip
program memory, the mermory interface ports are
set to external memory mode (i.e Alternate Func-
tion) and the memory accesses are made to exter-
nal Program memory with wait cycles insertion.
Figure 42. Recommended Signal to be Applied on RESET Pin
6.7 EXTERNAL STOP MODE
On ST9 devices provided with an external STOP
pin, the Reset/Stop Manager can also stop all os-
cillators without resetting the device.
To enter Stop Mode, the STOP pin must be forced
to “0” for a minimum of 4 system clock cycles;
while the STOP pin is kept at “0”, the MCU will re-
main in Stop Mode and all context information will
be preserved. During this condition the internal
clock will be frozen in the high state.
When the pin is forced back to “1”, the MCU
resumes execution of the user program after a de-
lay of 255 CLOCK2 periods.
On exiting from Stop mode an interrupt is generat-
ed and the EX_STP bit in CLK_FLAG will be set,
to indicate to the user program that the machine is
exiting from Stop mode.
VRESET
VDD
0.7 VDD
0.3 VDD
20
µs
Minimum
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com