Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 111 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 111 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 107Page - STMicroelectronics ST90135 Datasheet HTML 108Page - STMicroelectronics ST90135 Datasheet HTML 109Page - STMicroelectronics ST90135 Datasheet HTML 110Page - STMicroelectronics ST90135 Datasheet HTML 111Page - STMicroelectronics ST90135 Datasheet HTML 112Page - STMicroelectronics ST90135 Datasheet HTML 113Page - STMicroelectronics ST90135 Datasheet HTML 114Page - STMicroelectronics ST90135 Datasheet HTML 115Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 111 / 190 page
background image
111/190
ST90158 - MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
9.2.3.13 Autodiscrimination Mode
The phase between two pulses (respectively on in-
put pin B and input pin A) generates a one step up
(or down) count, so that the up/down control and
the counter clock are both external. Thus, if the ris-
ing edge of TxINB arrives when TxINA is at a low
level, the timer is incremented (no action if the ris-
ing edge of TxINB arrives when TxINA is at a high
level). If the falling edge of TxINB arrives when
TxINA is at a low level, the timer is decremented
(no action if the falling edge of TxINB arrives when
TxINA is at a high level).
Setting the UDC bit in the TCR register has no ef-
fect in this configuration.
9.2.3.14 TxINA = Trigger - TxINB = Ext. Clock
The signal applied to input pin A acts as a trigger
signal on REG0R, initiating the action for which the
register was programmed (i.e. a reload or cap-
ture), while the signal applied to input pin B is used
as the clock for the prescaler.
(*) The timer is in One shot mode and REG0R in
reload mode
9.2.3.15 TxINA = Ext. Clock - TxINB = Trigger
The signal applied to input pin B acts as a trigger,
performing a capture on REG1R, while the signal
applied to input pin A is used as the clock for the
prescaler.
9.2.3.16 TxINA = Trigger - TxINB = Gate
The signal applied to input pin A acts as a trigger
signal on REG0R, initiating the action for which the
register was programmed (i.e. a reload or cap-
ture), while the signal applied to input pin B acts as
a gate signal for the internal clock (i.e. the counter
runs only when the gate signal is at a low level).
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com