Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 121 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 121 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 117Page - STMicroelectronics ST90135 Datasheet HTML 118Page - STMicroelectronics ST90135 Datasheet HTML 119Page - STMicroelectronics ST90135 Datasheet HTML 120Page - STMicroelectronics ST90135 Datasheet HTML 121Page - STMicroelectronics ST90135 Datasheet HTML 122Page - STMicroelectronics ST90135 Datasheet HTML 123Page - STMicroelectronics ST90135 Datasheet HTML 124Page - STMicroelectronics ST90135 Datasheet HTML 125Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 190 page
background image
121/190
ST90158 - MULTIFUNCTION TIMER (MFT)
MULTIFUNCTION TIMER (Cont’d)
OUTPUT A CONTROL REGISTER (OACR)
R252 - Read/Write
Register Page: 10
Reset value: 0000 0000
Note: Whenever more than one event occurs si-
multaneously, the action taken will be the result of
ANDing the event bits xxE1-xxE0.
Bit 7:6 = C0E[0:1]:
COMP0 event bits.
These bits are set and cleared by software.
Bit 5:4 = C1E[0:1]:
COMP1 event bits.
These bits are set and cleared by software.
Bit 3:2 = OUE[0:1]:
OVF/UNF event bits.
These bits are set and cleared by software.
Note: Whenever more than one event occurs si-
multaneously, the action taken will be the result of
ANDing the event xxE1-xxE0 bits.
Bit 1 = CEV:
On-Chip event on CMP0R.
This bit is set and cleared by software.
0: No action
1: A successful compare on CMP0R activates the
on-chip event signal (a single pulse is generat-
ed)
Bit 0 = OP:
TxOUTA preset value.
This bit is set and cleared by software and by hard-
ware. The value of this bit is the preset value of the
TxOUTA pin. Reading this bit returns the current
state of the TxOUTA pin (useful when it is selected
in toggle mode).
70
C0E0 C0E1 C1E0 C1E1 OUE0 OUE1 CEV 0P
C0E0
C0E1
Action on TxOUTA pin on
a suc-
cessful compare of the CMP0R
register
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
C1E0
C1E1
Action on TxOUTA pin on a suc-
cessful compare of the CMP1R reg-
ister
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
OUE0
OUE1
Action on TxOUTA pin on an Over-
flow or Underflow on the U/D coun-
ter
0
0
Set
0
1
Toggle
1
0
Reset
1
1
NOP
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com