Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 140 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 140 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 136Page - STMicroelectronics ST90135 Datasheet HTML 137Page - STMicroelectronics ST90135 Datasheet HTML 138Page - STMicroelectronics ST90135 Datasheet HTML 139Page - STMicroelectronics ST90135 Datasheet HTML 140Page - STMicroelectronics ST90135 Datasheet HTML 141Page - STMicroelectronics ST90135 Datasheet HTML 142Page - STMicroelectronics ST90135 Datasheet HTML 143Page - STMicroelectronics ST90135 Datasheet HTML 144Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 190 page
background image
140/190
ST90158 - SERIAL PERIPHERAL INTERFACE (SPI)
SERIAL PERIPHERAL INTERFACE (Cont’d)
Bit 2 = CPHA:
Transmission Clock Phase.
CPHA controls the relationship between the data
on the SDI and SDO pins, and the clock signal on
the SCK pin. The CPHA bit selects the clock edge
used to capture data. It has its greatest impact on
the first bit transmitted (MSB), because it does (or
does not) allow a clock transition before the first
data capture edge. Figure 74 shows the relation-
ship between CPHA, CPOL and SCK, and indi-
cates active clock edges and strobe times.
Bit 1:0 = SPR[1:0]:
SPI Rate.
These two bits select one (of four) baud rates, to
be used as SCK.
Figure 74. SPI Data and Clock Timing
CPOL
CPHA
SCK
(in Figure 74)
0
0
1
1
0
1
0
1
(a)
(b)
(c)
(d)
SPR1 SPR0
Clock
Divider
SCK Frequency
(@ INTCLK = 12MHz)
0
0
1
1
0
1
0
1
8
16
128
256
1500kHz
750kHz
93.75kHz
46.87kHz
(T = 0.67
µs)
(T = 1.33
µs)
(T = 10.66
µs)
(T = 21.33
µs)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com