Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90135 Datasheet(PDF) 170 Page - STMicroelectronics

Part # ST90135
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90135 Datasheet(HTML) 170 Page - STMicroelectronics

Back Button ST90135 Datasheet HTML 166Page - STMicroelectronics ST90135 Datasheet HTML 167Page - STMicroelectronics ST90135 Datasheet HTML 168Page - STMicroelectronics ST90135 Datasheet HTML 169Page - STMicroelectronics ST90135 Datasheet HTML 170Page - STMicroelectronics ST90135 Datasheet HTML 171Page - STMicroelectronics ST90135 Datasheet HTML 172Page - STMicroelectronics ST90135 Datasheet HTML 173Page - STMicroelectronics ST90135 Datasheet HTML 174Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 170 / 190 page
background image
170/190
ST90158 - EIGHT-CHANNEL ANALOG TO DIGITAL CONVERTER (A/D)
ANALOG TO DIGITAL CONVERTER (Cont’d)
9.6.4 Register Description
DATA REGISTERS (DiR)
The conversion results for the 8 available chan-
nels are loaded into the 8 Data registers following
conversion of the corresponding analog input.
CHANNEL 0 DATA REGISTER (D0R)
R240 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D0.[7:0]:
Channel 0 Data.
CHANNEL 1 DATA REGISTER (D1R)
R241 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D1.[7:0]:
Channel 1 Data.
CHANNEL 2 DATA REGISTER (D2R)
R242 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D2.[7:0]:
Channel 2 Data.
CHANNEL 3 DATA REGISTER (D3R)
R243 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D3.[7:0]:
Channel 3 Data.
CHANNEL 4 DATA REGISTER (D4R)
R244 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D4.[7:0]:
Channel 4 Data
CHANNEL 5 DATA REGISTER (D5R)
R245 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D5.[7:0]:
Channel 5 Data.
CHANNEL 6 DATA REGISTER (D6R)
R246 - Read/Write
Register Page: 63
Reset Value: undefined
Bit 7:0 = D6.[7:0]:
Channel 6 Data
CHANNEL 7 DATA REGISTER (D7R)
R247 - Read/Write
Register Page: 63
Reset Value: undefined
70
D0.7
D0.6
D0.5
D0.4
D0.3
D0.2
D0.1
D0.0
70
D1.7
D1.6
D1.5
D1.4
D1.3
D1.2
D1.1
D1.0
70
D2.7
D2.6
D2.5
D2.4
D2.3
D2.2
D2.1
D2.0
70
D3.7
D3.6
D3.5
D3.4
D3.3
D3.2
D3.1
D3.0
70
D4.7
D4.6
D4.5
D4.4
D4.3
D4.2
D4.1
D4.0
70
D5.7
D5.6
D5.5
D5.4
D5.3
D5.2
D5.1
D5.0
70
D6.7
D6.6
D6.5
D6.4
D6.3
D6.2
D6.1
D6.0
70
D7.7
D7.6
D7.5
D7.4
D7.3
D7.2
D7.1
D7.0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com