Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 78 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 78 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 74Page - STMicroelectronics ST90R158 Datasheet HTML 75Page - STMicroelectronics ST90R158 Datasheet HTML 76Page - STMicroelectronics ST90R158 Datasheet HTML 77Page - STMicroelectronics ST90R158 Datasheet HTML 78Page - STMicroelectronics ST90R158 Datasheet HTML 79Page - STMicroelectronics ST90R158 Datasheet HTML 80Page - STMicroelectronics ST90R158 Datasheet HTML 81Page - STMicroelectronics ST90R158 Datasheet HTML 82Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 78 / 190 page
background image
78/190
ST90158 - RESET AND CLOCK CONTROL UNIT (RCCU)
OSCILLATOR CHARACTERISTICS (Cont’d)
CERAMIC RESONATORS
Murata Electronics CERALOCK resonators have been tested with the ST90158 at 3, 3.68, 4 and 5 MHz.
Some resonators have built-in capacitors (see Table 18).
The test circuit is shown in Figure 40.
Figure 40. Test circuit
Table 18 shows the recommended conditions at different frequencies.
Table 18. Obtained Results
Advantages of using ceramic resonators:
CST and CSTCC types have built-in loading ca-
pacitors (those with values shown in parentheses
()).
Rp is always open in the previous table because
there is no need for a parallel resistor with a reso-
nator (it is needed only with a crystal).
Test conditions:
The evaluation conditions are 2.7 to 5.5 V for the
supply voltage and -40
° to 85° C for the tempera-
ture range.
Caution:
The above circuit condition is for design reference
only.
Recommended C1, C2 value depends on the cir-
cuit board used.
VDD
C1
C2
OSCIN
CERALOCK
ST90158
V2
V1
Rp
Rd
OSCOUT
VSS
Freq.
(MHz)
Parts Number
C1 (PF)
C2 (PF)
Rp (Ohm)
Rd (Ohm)
3
CSA3.00MG
30
30
Open
0
CST3.00MGW
(30)
(30)
Open
0
3.68
CSA3.68MG
30
30
Open
0
CST3.68MGW
(30)
(30)
Open
0
CSTCC3.68MG
(15)
(15)
Open
0
4
CSA4.00MG
30
30
Open
0
CST4.00MGW
(30)
(30)
Open
0
CSTCC4.00MG
(15)
(15)
Open
0
5
CSA5.00MG
30
30
Open
0
CST5.00MGW
(30)
(30)
Open
0
CSTCC5.00MG
(15)
(15)
Open
0
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com