Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 37 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 37 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 33Page - STMicroelectronics ST90R158 Datasheet HTML 34Page - STMicroelectronics ST90R158 Datasheet HTML 35Page - STMicroelectronics ST90R158 Datasheet HTML 36Page - STMicroelectronics ST90R158 Datasheet HTML 37Page - STMicroelectronics ST90R158 Datasheet HTML 38Page - STMicroelectronics ST90R158 Datasheet HTML 39Page - STMicroelectronics ST90R158 Datasheet HTML 40Page - STMicroelectronics ST90R158 Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 190 page
background image
37/190
ST90158 - REGISTER AND MEMORY MAP
3 REGISTER AND MEMORY MAP
3.1 MEMORY CONFIGURATION
The Program memory space of the ST90135/158,
0/16/24/32/48/64/K bytes of directly addressable
on-chip memory, is fully available to the user.
The first 256 memory locations from address 0 to
FFh hold the Reset Vector, the Top-Level (Pseudo
Non-Maskable) interrupt, the Divide by Zero Trap
Routine vector and, optionally, the interrupt vector
table for use with the on-chip peripherals and the
external interrupt sources. Apart from this case no
other part of the Program memory has a predeter-
mined function except segment 21h which is re-
served for use by STMicroelectronics.
3.2 EPROM PROGRAMMING
The 65536 bytes of EPROM memory of the
ST90E158 may be programmed by using the
EPROM Programming Boards (EPB) or gang pro-
grammers available from STMicroelectronics.
EPROM Erasing
The EPROM of the windowed package of the
ST90E158 may be erased by exposure to Ultra-Vi-
olet light.
The erasure characteristic of the ST90E158 is
such that erasure begins when the memory is ex-
posed to light with a wave lengths shorter than ap-
proximately 4000Å. It should be noted that sunlight
and some types of fluorescent lamps have wave-
lengths in the range 3000-4000Å. It is thus recom-
mended that the window of the ST90E158 packag-
es be covered by an opaque label to prevent unin-
tentional erasure problems when testing the appli-
cation in such an environment.
The recommended erasure procedure of the
EPROM is the exposure to short wave ultraviolet
light which have a wave-length 2537Å. The inte-
grated dose (i.e. U.V. intensity x exposure time) for
erasure should be a minimum of 15W-sec/cm2.
The erasure time with this dosage is approximate-
ly 30 minutes using an ultraviolet lamp with
12000mW/cm2 power rating. The ST90E158
should be placed within 2.5cm (1 inch) of the lamp
tubes during erasure.
Table 5. First 6 Bytes of Program Space
0
Address high of Power on Reset routine
1
Address low of Power on Reset routine
2
Address high of Divide by zero trap Subroutine
3
Address low of Divide by zero trap Subroutine
4
Address high of Top Level Interrupt routine
5
Address low of Top Level Interrupt routine
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com