Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 142 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 142 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 138Page - STMicroelectronics ST90R158 Datasheet HTML 139Page - STMicroelectronics ST90R158 Datasheet HTML 140Page - STMicroelectronics ST90R158 Datasheet HTML 141Page - STMicroelectronics ST90R158 Datasheet HTML 142Page - STMicroelectronics ST90R158 Datasheet HTML 143Page - STMicroelectronics ST90R158 Datasheet HTML 144Page - STMicroelectronics ST90R158 Datasheet HTML 145Page - STMicroelectronics ST90R158 Datasheet HTML 146Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 190 page
background image
142/190
ST90158 - SERIAL COMMUNICATIONS INTERFACE (SCI)
SERIAL COMMUNICATIONS INTERFACE (Cont’d)
9.5.2 Functional Description
The SCI offers four operating modes:
– Asynchronous mode
– Asynchronous mode with synchronous clock
– Serial expansion mode
– Synchronous mode
Asynchronous mode, Asynchronous mode with
synchronous clock and Serial expansion mode
output data with the same serial frame format. The
differences lie in the data sampling clock rates
(1X, 16X) and in the protocol used.
Figure 76. SCI Functional Schematic
Note: Some pins may not be available on some devices. Refer to the device Pinout Description.
Divider by 16
1
0
1
0
Divider by 16
CD
CD
The control signals marked with (*) are active only in synchronous mode (SMEN=1)
Polarity
Polarity
TXclk / CLKout
RX shift
register
TX buffer
register
TX shift
register
RTSEN (*)
Enveloper
AEN (*)
OUTSB (*)
Sout
AEN
RX buffer
register
Baud rate
generator
RXclk
OCKSB (*)
LBEN (*)
INTCLK
XBRG
AEN (*)
OCLK
XTCLK
DCDEN (*)
DCD
RTS
Sin
INPL (*)
LBEN
OUTPL (*)
INPE N (*)
OCKPL (*)
XRX
OCLK
VR02054
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com