Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158 Datasheet(PDF) 175 Page - STMicroelectronics

Part # ST90R158
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158 Datasheet(HTML) 175 Page - STMicroelectronics

Back Button ST90R158 Datasheet HTML 171Page - STMicroelectronics ST90R158 Datasheet HTML 172Page - STMicroelectronics ST90R158 Datasheet HTML 173Page - STMicroelectronics ST90R158 Datasheet HTML 174Page - STMicroelectronics ST90R158 Datasheet HTML 175Page - STMicroelectronics ST90R158 Datasheet HTML 176Page - STMicroelectronics ST90R158 Datasheet HTML 177Page - STMicroelectronics ST90R158 Datasheet HTML 178Page - STMicroelectronics ST90R158 Datasheet HTML 179Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 175 / 190 page
background image
175/190
ST90158 - ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
(VDD =5V ± 10%, TA = -40°C+ 85°C, unless otherwise specified)
(1)
Note 1: All I/O Ports are configured in bidirectional weak pull-up mode with no DC load external clock pin (OSCIN) is driven by square wave
external clock. No peripheral working.
Note 2: VDD =3V ±10% VILMAX = 0.4 V (TTL and Schmitt trigger).
Symbol
Parameter
Test Conditio ns
Value
Unit
Min.
Typ.
Max.
VIHCK
Clock Input High Level
External Clock
0.7 VDD
VDD + 0.3
V
VILCK
Clock Input Low Level
External Clock
– 0.3
0.3 VDD
V
VIH
Input High Level
TTL
2.0
VDD + 0.3
V
CMOS
0.7 VDD
VDD + 0.3
V
Schmitt Trigger
0.7 VDD
VDD + 0.3
V
VIL
Input Low Level
TTL
– 0.3
0.8(2)
V
CMOS
– 0.3
0.3 VDD
V
Schmitt Trigger
– 0.3
0.8(2)
V
VIHRS
RESET Input High Level
0.7 VDD
VDD + 0.3
V
VILRS
RESET Input Low Level
–0.3
0.3 VDD
V
VHYRS
RESET Input Hysteresis
0.3
1.5
V
VOH
Output High Level
Push Pull, Iload = – 0.8mA
VDD – 0.8
V
VOL
Output Low Level
Push Pull or Open Drain,
Iload = 1.6mA
0.4
V
IWPU
Weak Pull-up Current
Bidirectional Weak Pull-up, VOL =
0V
– 50
– 200
– 420
µA
ILKIO
I/O Pin Input Leakage
Input/Tri-State,
0V < VIN <VDD
–10
+ 10
µA
ILKRS
RESET Pin Input Leakage
0V < VIN <VDD
–30
+ 30
µA
ILKA/D
A/D Conv. Input Leakage
– 3
+ 3
µA
ILKAP
Active Pull-up Input Leakage
0V < VIN < 0.8V
– 10
+ 10
µA
ILKOS
OSCIN Pin Input Leakage
0V < VIN <VDD
±3
µA
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com