Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST9291
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291 Datasheet(HTML) 1 Page - STMicroelectronics

  ST9291 Datasheet HTML 1Page - STMicroelectronics ST9291 Datasheet HTML 2Page - STMicroelectronics ST9291 Datasheet HTML 3Page - STMicroelectronics ST9291 Datasheet HTML 4Page - STMicroelectronics ST9291 Datasheet HTML 5Page - STMicroelectronics ST9291 Datasheet HTML 6Page - STMicroelectronics ST9291 Datasheet HTML 7Page - STMicroelectronics ST9291 Datasheet HTML 8Page - STMicroelectronics ST9291 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
ST9291
®
July 1995
16-48K ROM HCMOS MCU WITH
ON SCREEN DISPLAY AND VOLTAGE TUNING OUTPUT
(Ordering Information at the end of the Datasheet)
PSDIP42
PSDIP56
Device
ROM
RAM
PACKAGE
ST9291J2/N2
16K
384
PSDIP42/56
ST9291J3/N3
16K
640
PSDIP42/56
ST9291J4/N4
24K
384
PSDIP42/56
ST9291J5/N5
24K
640
PSDIP42/56
ST9291J6/N6
32K
640
PSDIP42/56
ST9291J7/N7
48K
640
PSDIP42/56
DEVICE SUMMARY
Register oriented 8/16 bit CORE with
RUN, WFI and HALT modes
Minimum instruction cycle time: 500ns
(12MHz internal)
16 to 48K bytes of ROM,
384/640 bytes of RAM,
224 general purpose registers available as RAM,
accumulators or index registers (Register File)
42-lead Shrink DIP package or
56-lead Shrink DIP package
Interrupt handler and Serial Peripheral Interface
as standard features
31 (42 pin package) / 42 (56 pin package) fully
programmable I/O pins
34 character x15 rows software programmable
On Screen Display module with colour, italic, un-
derline, flash, transparent and fringe attribute
options
14-bit Voltage Synthesis for tuning reference
voltage.
8 8-bit PWM D/A outputs with repetition frequency
2 to 32kHz and 12V Open Drain Capability
16 bit Timer with 8 bit Prescaler, able to be used
as a Watchdog Timer
16-bit programmable Slice Timer with 8-bit pres-
caler
3 channel Analog to Digital Converter, with inte-
gral sample and hold, fast 5.75
µs conversion
time, 6-bit guaranteed resolution
Rich Instruction Set and 14 Addressing modes
Division-by-Zero trap generation
Versatile Development tools, including assembler,
linker, C-compiler, archiver, graphic oriented de-
bugger and hardware emulators
Real Time Operating System
Windowed EPROM parts available for prototyp-
ing and pre-production development phases
FUNCTIONAL DESCRIPTION
1/20


Similar Part No. - ST9291

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9293J1 STMICROELECTRONICS-ST9293J1 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9293J3 STMICROELECTRONICS-ST9293J3 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9293J5 STMICROELECTRONICS-ST9293J5 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9293J7 STMICROELECTRONICS-ST9293J7 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
More results

Similar Description - ST9291

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
STMicroelectronics
ST10C167 STMICROELECTRONICS-ST10C167 Datasheet
433Kb / 65P
16-BIT MCU WITH 32K BYTE ROM
Aug-1999
ST9040 STMICROELECTRONICS-ST9040 Datasheet
481Kb / 56P
16K ROM HCMOS MCU WITH EEPROM, RAM AND A/D CONVERTER
Feb-1997
ST92195B STMICROELECTRONICS-ST92195B Datasheet
140Kb / 22P
32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.5
ST9293 STMICROELECTRONICS-ST9293 Datasheet
66Kb / 4P
48K ROM HCMOS MCUs WITH ON SCREEN DISPLAY AND A/D CONVERTER
May-1993
ST9294 STMICROELECTRONICS-ST9294 Datasheet
99Kb / 6P
24K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND CLOSED-CAPTION DATA SLICER
May-1993
ST92R195B STMICROELECTRONICS-ST92R195B Datasheet
109Kb / 18P
ROMLESS HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
Rev. 2.2
ST92185B STMICROELECTRONICS-ST92185B Datasheet
2Mb / 178P
16K/24K/32K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY
15-Mar-2000
ST92196A STMICROELECTRONICS-ST92196A Datasheet
2Mb / 268P
8/16-BIT MCU FOR TV APPLICATIONS WITH UP TO 96K ROM, ON-SCREEN-DISPLAY AND 1 OR 2 DATA SLICERS
27-Feb-2003
ST92195D STMICROELECTRONICS-ST92195D Datasheet
2Mb / 249P
48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
Oct-2003
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com