Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291 Datasheet(PDF) 19 Page - STMicroelectronics

Part # ST9291
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291 Datasheet(HTML) 19 Page - STMicroelectronics

Back Button ST9291 Datasheet HTML 12Page - STMicroelectronics ST9291 Datasheet HTML 13Page - STMicroelectronics ST9291 Datasheet HTML 14Page - STMicroelectronics ST9291 Datasheet HTML 15Page - STMicroelectronics ST9291 Datasheet HTML 16Page - STMicroelectronics ST9291 Datasheet HTML 17Page - STMicroelectronics ST9291 Datasheet HTML 18Page - STMicroelectronics ST9291 Datasheet HTML 19Page - STMicroelectronics ST9291 Datasheet HTML 20Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 19 / 20 page
background image
MEMORY (Continued)
VR01354I
INTERNAL RAM
MAPPED BOTH INTO PROGRAM AND DATA SPACE
DATA
65535
0
PROGRAM
ROM
RAM
24K
64896
32767
24575
16383
32K
16K
ROM
ROM
49151
48K
Figure 1-13. ST9291 Memory Map
Device Suffix
ROM Size
(Bytes)
ROM Addresses
RAM Size
(Bytes)
RAM Addresses
J2/N2
16K
0 - 16383
dec
384
64896 - 65279
dec
0000 - 3FFF
hex
FD80 - FEFF
hex
J3/N3
16K
0 - 16383
dec
640
64896 - 65535
dec
0000 - 3FFF
hex
FD80 - FFFF
hex
J4/N4
24K
0 - 24575
dec
384
64896 - 65299
dec
0000 - 5FFF
hex
FD80 - FEFF
hex
J5/N5
24K
0 - 24575
dec
640
64896 - 65535
dec
0000 - 5FFF
hex
FD80 - FFFF
hex
J6/N6
32K
0 - 32767
dec
640
64896 - 65535
dec
0000 - 7FFF
hex
FD80 - FFFF
hex
J7/N7
48K
00000 - 49151
dec
640
64896 - 65555
dec
0000 - BFFF
hex
FD80 - FFFF
hex
Table 1-4. ROM and RAM Address Configuration
®
ST9291
19/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com