Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195B3 Datasheet(PDF) 7 Page - STMicroelectronics

Part # ST92195B3
Description  32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195B3 Datasheet(HTML) 7 Page - STMicroelectronics

Back Button ST92195B3 Datasheet HTML 3Page - STMicroelectronics ST92195B3 Datasheet HTML 4Page - STMicroelectronics ST92195B3 Datasheet HTML 5Page - STMicroelectronics ST92195B3 Datasheet HTML 6Page - STMicroelectronics ST92195B3 Datasheet HTML 7Page - STMicroelectronics ST92195B3 Datasheet HTML 8Page - STMicroelectronics ST92195B3 Datasheet HTML 9Page - STMicroelectronics ST92195B3 Datasheet HTML 10Page - STMicroelectronics ST92195B3 Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 22 page
background image
7/22
ST92195B - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
Figure 4. ST92195B Required External components (56-pin package)
+5V
+5V
P20
P24
P05
P50
P46
P37
P47
P04
P45
P03
P01
P44
P07
P36
P51
P21
P02
P00
P43
P41
P22
P35
P34
P25
P42
P40
P23
P06
C16
2.2nF
R4
15k
C13
4.7nF
C10
4.7nF
C3
82pF
C1
82pF
R2
5.6k
R3
5.6k
C14
82pF
C11
22pF
C2
1
µF
S1
RST
D1
1N4148
C12
470nF
C8
22pF
C7
10
µF
C9
100 nF
C5
100nF
C15
100nF
C6
100nF
C4
10
µF
L1
10uH
R1
10k
L2
10uH
Y1
4Mhz
U1
SDIP56
ST92195B
1
56
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
55
54
53
52
51
50
49
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
P2.0/INT7
P2.1/ INT5/AIN1
RESETN
P0.7
P0.6
P0.5
P0.4
P0.3
P0.2/AIN4
P0.1
P0.0
P3.7/RESET0/CSO
P3.6
P3.5
P3.4
B
G
R
FB
P5.1/SDI/SDO
P5.0/SCK/INT2
VDD
JTDO
WSCF
WSCR
AVDD3
TEST0
MCFM
JTCK
P2.2/ INT0/AIN2
P2.3/INT6 /VS01
P2.4/NMI
P2.5/AIN3/INT4/VS02
OSCIN
OSCOUT
P4.7/PWM7/EXTR G/STOUT
P4.6/PWM6
P4.5/PWM5
P4.4/PWM4
P4.3/PWM3 /TSLU/HT
P4.2/PWM2
P4.1/PWM1
P4.0/PWM0
VSYNC
HSY NC/CSYNC
AVDD1
PXFM
JTRST0
GND
AGND
CVBS1
CVBS2
JTMS
AVDD2
CVBSO
TXCF
CVBS
FB
VSYNC
R
B
H SYNC
G



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com