Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195B3 Datasheet(PDF) 8 Page - STMicroelectronics

Part # ST92195B3
Description  32-64K ROM HCMOS MCU WITH ON-SCREEN-DISPLAY AND TELETEXT DATA SLICER
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195B3 Datasheet(HTML) 8 Page - STMicroelectronics

Back Button ST92195B3 Datasheet HTML 4Page - STMicroelectronics ST92195B3 Datasheet HTML 5Page - STMicroelectronics ST92195B3 Datasheet HTML 6Page - STMicroelectronics ST92195B3 Datasheet HTML 7Page - STMicroelectronics ST92195B3 Datasheet HTML 8Page - STMicroelectronics ST92195B3 Datasheet HTML 9Page - STMicroelectronics ST92195B3 Datasheet HTML 10Page - STMicroelectronics ST92195B3 Datasheet HTML 11Page - STMicroelectronics ST92195B3 Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
8/22
ST92195B - GENERAL DESCRIPTION
PIN DESCRIPTION (Cont’d)
Figure 5. ST92195B Required External Components (64-pin package)
+5V
+5V
P36
P46
P35
P40
P45
P34
P42
P44
P5.1
P37
P43
P47
P01
P41
P00
P02
P5.0
R2
5.6k
Y1
4Mhz
R3
5.6k
R1
10k
D1
1N4148
L2
10uH
L1
10uH
C12
100nF
C2
82pF
S1
RST
C13
10uF
C4
82pF
C15
4.7nF
C1
1
µF
C5
10uF
C7
100nF
C14
22pF
C9
22pF
C3
100nF
C6
100nF
C8
100nF
C10
4.7nF
C11
100nF
U1
QFP64
ST92195B
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
16
VSS
P0.2/AIN4
P0.1
P0.0
P3.7/RESET0/CSO
P3.6
P3.5
P3.4
B
G
R
FB
P5.1/SDI/SDO
P5.0/SCK/INT2
VDD
GND
EXTRG/SLOUT/P4.7/PWM7
P4.6/PWM6
P4.5/PWM5
P4.4/PWM4
HT/TSLU/P4.3/PWM3
P4.2/PWM2
P4.1/PWM1
P4.0/PWM0
VSYNC
CSYNC/HSYNC
AVDD1
PXFM
JTRST0
GND
NC
JTDO
G
B
R
FB
HSYNC
VSYNC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com