Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR6T Datasheet(PDF) 68 Page - STMicroelectronics

Part # ST92F120JR6T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR6T Datasheet(HTML) 68 Page - STMicroelectronics

Back Button ST92F120JR6T Datasheet HTML 64Page - STMicroelectronics ST92F120JR6T Datasheet HTML 65Page - STMicroelectronics ST92F120JR6T Datasheet HTML 66Page - STMicroelectronics ST92F120JR6T Datasheet HTML 67Page - STMicroelectronics ST92F120JR6T Datasheet HTML 68Page - STMicroelectronics ST92F120JR6T Datasheet HTML 69Page - STMicroelectronics ST92F120JR6T Datasheet HTML 70Page - STMicroelectronics ST92F120JR6T Datasheet HTML 71Page - STMicroelectronics ST92F120JR6T Datasheet HTML 72Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 320 page
background image
68/320
ST92F120 - REGISTER AND MEMORY MAP
23
JBLPD
R240
STATUS
Status Register
40
264
R241
TXDATA
Transmit Data Register
xx
265
R242
RXDATA
Receive Data Register
xx
266
R243
TXOP
Transmit Opcode Register
00
266
R244
CLKSEL
System Frequency Selection Register
00
271
R245
CONTROL
Control Register
40
271
R246
PADDR
Physiscal Address Register
xx
272
R247
ERROR
Error Register
00
273
R248
IVR
Interrupt Vector Register
xx
275
R249
PRLR
Priority Level Register
10
275
R250
IMR
Interrupt Mask Register
00
275
R251
OPTI ONS
Options and Register Group Selection
00
277
R252
CREG0
Current Register 0
xx
279
R253
CREG1
Current Register 1
xx
279
R254
CREG2
Current Register 2
xx
279
R255
CREG3
Current Register 4
xx
279
24
SCI0
R240
RDCPR0
Receiver DMA Transaction Counter Pointer
xx
199
R241
RDAPR0
Receiver DMA Source Address Pointer
xx
199
R242
TDCPR0
Transmitter DMA Transaction Counter Pointer
xx
199
R243
TDAPR0
Transmitter DMA Destination Address Pointer
xx
199
R244
S_IVR0
Interrupt Vector Register
xx
201
R245
ACR0
Address/Data Compare Register
xx
201
R246
IMR0
Interrupt Mask Register
x0
201
R247
S_ISR0
Interrupt Status Register
xx
201
R248
RXBR0
Receive Buffer Register
xx
203
R248
TXBR0
Transmitter Buffer Register
xx
203
R249
IDPR0
Interrupt/DMA Priority Register
xx
204
R250
CHCR0
Character Configuration Register
xx
205
R251
CCR0
Clock Configuration Register
00
206
R252
BRGHR0
Baud Rate Generator High Reg.
xx
207
R253
BRGLR0
Baud Rate Generator Low Register
xx
207
R254
SICR0
Synchronous Input Control
03
207
R255
SOCR0
Synchronous Output Control
01
208
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com