Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR6T Datasheet(PDF) 69 Page - STMicroelectronics

Part # ST92F120JR6T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR6T Datasheet(HTML) 69 Page - STMicroelectronics

Back Button ST92F120JR6T Datasheet HTML 65Page - STMicroelectronics ST92F120JR6T Datasheet HTML 66Page - STMicroelectronics ST92F120JR6T Datasheet HTML 67Page - STMicroelectronics ST92F120JR6T Datasheet HTML 68Page - STMicroelectronics ST92F120JR6T Datasheet HTML 69Page - STMicroelectronics ST92F120JR6T Datasheet HTML 70Page - STMicroelectronics ST92F120JR6T Datasheet HTML 71Page - STMicroelectronics ST92F120JR6T Datasheet HTML 72Page - STMicroelectronics ST92F120JR6T Datasheet HTML 73Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 320 page
background image
69/320
ST92F120 - REGISTER AND MEMORY MAP
25
SCI1
R240
RDCPR1
Receiver DMA Transaction Counter Pointer
xx
199
R241
RDAPR1
Receiver DMA Source Address Pointer
xx
199
R242
TDCPR1
Transmitter DMA Transaction Counter Pointer
xx
199
R243
TDAPR1
Transmitter DMA Destination Address Pointer
xx
199
R244
S_IVR1
Interrupt Vector Register
xx
201
R245
ACR1
Address/Data Compare Register
xx
201
R246
IMR1
Interrupt Mask Register
x0
201
R247
S_ISR1
Interrupt Status Register
xx
201
R248
RXBR1
Receive Buffer Register
xx
203
R248
TXBR1
Transmitter Buffer Register
xx
203
R249
IDPR1
Interrupt/DMA Priority Register
xx
204
R250
CHCR1
Character Configuration Register
xx
205
R251
CCR1
Clock Configuration Register
00
206
R252
BRGHR1
Baud Rate Generator High Reg.
xx
207
R253
BRGLR1
Baud Rate Generator Low Register
xx
207
R254
SICR1
Synchronous Input Control
03
207
R255
SOCR1
Synchronous Output Control
01
208
28
EFT0
R240
IC1HR0
Input Capture 1 High Register
xx
152
R241
IC1LR0
Input Capture 1 Low Register
xx
152
R242
IC2HR0
Input Capture 2 High Register
xx
152
R243
IC2LR0
Input Capture 2 Low Register
xx
152
R244
CHR0
Counter High Register
FF
153
R245
CLR0
Counter Low Register
FC
153
R246
ACHR0
Alternate Counter High Register
FF
153
R247
ACLR0
Alternate Counter Low Register
FC
153
R248
OC1HR0
Output Compare 1 High Register
80
154
R249
OC1LR0
Output Compare 1 Low Register
00
154
R250
OC2HR0
Output Compare 2 High Register
80
154
R251
OC2LR0
Output Compare 2 Low Register
00
154
R252
CR1_0
Control Register 1
00
156
R253
CR2_0
Control Register 2
00
156
R254
SR0
Status Register
00
156
R255
CR3_0
Control Register 3
00
156
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com