Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR6T Datasheet(PDF) 293 Page - STMicroelectronics

Part # ST92F120JR6T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR6T Datasheet(HTML) 293 Page - STMicroelectronics

Back Button ST92F120JR6T Datasheet HTML 289Page - STMicroelectronics ST92F120JR6T Datasheet HTML 290Page - STMicroelectronics ST92F120JR6T Datasheet HTML 291Page - STMicroelectronics ST92F120JR6T Datasheet HTML 292Page - STMicroelectronics ST92F120JR6T Datasheet HTML 293Page - STMicroelectronics ST92F120JR6T Datasheet HTML 294Page - STMicroelectronics ST92F120JR6T Datasheet HTML 295Page - STMicroelectronics ST92F120JR6T Datasheet HTML 296Page - STMicroelectronics ST92F120JR6T Datasheet HTML 297Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 293 / 320 page
background image
293/320
ST92F120 - ELECTRICAL CHARACTERISTICS
DC ELECTRICAL CHARACTERISTICS
(VDD =5V ± 10%, TA = –40°C to +105°C, unless otherwise specified)
Symbol
Parameter
Comment
Value
Unit
Min
Typ(1)
Max
VIH
Input High Level
P0[7:0]-P1[7.0]-P2[7:6]
P3.3 P4.2-P4.5-P5.3
TTL
2.0
VDD + 0.3
V
CMOS
VDD + 0.3
V
Input High Level
Pure open-drain I/O
P2[3:2]
TTL
2.0
7.0
V
CMOS
7.0
V
Input High Level
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4]
P3[2:1]-P4[4:3]-P4[1:0]
P5[7:4]-P5[2:0]-P6[3:0]
P7[7:0]-P8[7:0]-P9[7:0]
Input Threshold
2.5
V
Input Voltage range
VDD + 0.3
V
Input High Level
Pure open-drain I/O
Special Schmitt Trigger
P4[7:6]
Input Threshold
2.9
V
Input Voltage range
7.0
V
Input High Level
High Hyst. Schmitt Trigger
P6[5:4]
Input Threshold
2.9
V
Input Voltage range
VDD + 0.3
V
VIL
Input Low Level
P0[7:0]-P1[7:0]-P2[7:6]
P2[3:2]-P3.3-P4.2-P4.5-P5.3
TTL
– 0.3
V
CMOS
– 0.3
0.3 x VDD
V
Input Low Level
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4]
P3[2:1]-P4[4:3]-P4[1:0]
P5[7:4]-P5[2:0]-P6[3:0]
P7[7:0]-P8[7:0]-P9[7:0]
Input Threshold
1.5
V
Input Voltage range
– 0.3
V
Input Low Level
Special Schmitt Trigger
P4[7:6]
Input Threshold
2.1
V
Input Voltage range
– 0.3
Input Low Level
High Hyst. Schmitt Trigger
P6[5:4]
Input Threshold
2.0
V
Input Voltage range
– 0.3
VHYS
Input Hysteresis (2)
Standard Schmitt Trigger
P2[5:4]-P2[1:0]-P3[7:4]
P3[2:1]-P4[4:3]-P4[1:0]
P5[7:4]-P5[2:0]-P6[3:0]
P7[7:0]-P8[7:0]-P9[7:0]
600
mV
Input Hysteresis (2)
Special Schmitt Trigger
P4[7:6]
800
mV
Input Hysteresis (2)
High Hyst. Schmitt Trigger
P6[5:4]
900
mV
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com