Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST93003 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST93003
Description  HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST93003 Datasheet(HTML) 1 Page - STMicroelectronics

  ST93003 Datasheet HTML 1Page - STMicroelectronics ST93003 Datasheet HTML 2Page - STMicroelectronics ST93003 Datasheet HTML 3Page - STMicroelectronics ST93003 Datasheet HTML 4Page - STMicroelectronics ST93003 Datasheet HTML 5Page - STMicroelectronics ST93003 Datasheet HTML 6Page - STMicroelectronics ST93003 Datasheet HTML 7Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
ST93003
HIGH VOLTAGE FAST-SWITCHING
PNP POWER TRANSISTOR
s
MEDIUM VOLTAGE CAPABILITY
s
LOW SPREAD OF DYNAMIC PARAMETERS
s
MINIMUM LOT-TO-LOT SPREAD FOR
RELIABLE OPERATION
s
VERY HIGH SWITCHING SPEED
APPLICATIONS:
s
ELECTRONIC BALLASTS FOR
FLUORESCENT LIGHTING
DESCRIPTION
The device is manufactured using high voltage
Multi-Epitaxial
Planar
technology
for
high
switching speeds and medium voltage capability.
It uses a Cellular Emitter structure with planar
edge termination to enhance switching speeds
while maintaining the wide RBSOA.
The ST93003 is expressly designed for a new
solution to be used in compact fluorescent lamps,
where it is coupled with the ST83003, its
complementary NPN transistor.
®
INTERNAL SCHEMATIC DIAGRAM
October 2002
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCES
Collector-Emitter Voltage (VBE = 0)
-500
V
VCEO
Collector-Emitter Voltage (IB = 0)
-400
V
VEBO
Emitter-Base Voltage
(IC = 0,
IB = -0.75 A,
tp < 10
µs, Tj < 150oC)
V(BR)EBO
V
IC
Collector Current
-1.5
A
ICM
Collector Peak Current (tp < 5 ms)
-3
A
IB
Base Current
-0.75
A
IBM
Base Peak Current (tp < 5 ms)
-1.5
A
Ptot
Total Dissipation at Tc = 25
o C40
W
Tstg
Storage Temperature
-65 to 150
oC
Tj
Max. Operating Junction Temperature
150
oC
3
2
1
SOT-32
1/7


Similar Part No. - ST93003

ManufacturerPart #DatasheetDescription
logo
StarTech.com Ltd.
ST93007U2C STARTECH-ST93007U2C Datasheet
203Kb / 4P
7-Port USB 3.0 Hub plus Dedicated Charging Ports - 2 x 2.4A Ports
More results

Similar Description - ST93003

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD93003 STMICROELECTRONICS-STD93003 Datasheet
295Kb / 8P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
STX93003 STMICROELECTRONICS-STX93003 Datasheet
247Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
STN93003 STMICROELECTRONICS-STN93003 Datasheet
232Kb / 10P
High voltage fast-switching PNP power transistor
11-May-2006
STN9260 STMICROELECTRONICS-STN9260 Datasheet
321Kb / 10P
High voltage fast-switching PNP power transistor
03-Aug-2011
STN9360 STMICROELECTRONICS-STN9360 Datasheet
461Kb / 10P
High voltage fast-switching PNP power transistor
06-Dec-2012
logo
Galaxy Semi-Conductor H...
3CD14001 BILIN-3CD14001 Datasheet
177Kb / 4P
High Voltage Fast Switching PNP Power Transistor
3CD14001 BILIN-3CD14001_13 Datasheet
175Kb / 4P
High Voltage Fast Switching PNP Power Transistor
Rev.A
logo
STMicroelectronics
BULT3P3 STMICROELECTRONICS-BULT3P3 Datasheet
153Kb / 8P
Medium voltage fast-switching PNP power transistor
25-Sep-2009
logo
Shenzhen Luguang Electr...
3CD14001 LUGUANG-3CD14001 Datasheet
1Mb / 3P
High Voltage Fast Switching PNP Power Transistor
logo
STMicroelectronics
2STX2360 STMICROELECTRONICS-2STX2360 Datasheet
158Kb / 9P
Low voltage fast-switching PNP power transistor
04-Mar-2010
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com