Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291N2 Datasheet(PDF) 12 Page - STMicroelectronics

Part # ST9291N2
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291N2 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button ST9291N2 Datasheet HTML 8Page - STMicroelectronics ST9291N2 Datasheet HTML 9Page - STMicroelectronics ST9291N2 Datasheet HTML 10Page - STMicroelectronics ST9291N2 Datasheet HTML 11Page - STMicroelectronics ST9291N2 Datasheet HTML 12Page - STMicroelectronics ST9291N2 Datasheet HTML 13Page - STMicroelectronics ST9291N2 Datasheet HTML 14Page - STMicroelectronics ST9291N2 Datasheet HTML 15Page - STMicroelectronics ST9291N2 Datasheet HTML 16Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
1.1.3.2 Flag Register
The Flag Register contains 8 flags indicating the
statusof the ST9. During an interrupt the flag register
is automatically stored in the system stack area and
recalled at the end of the interrupt service routine so
that the ST9 is returned to the original status. This
occurs for all interrupts and, when operating in the
nested mode, up to seven versions of the flag regis-
ter may be stored.
FLAGR R231 (E7h) System Read/Write
Flag Register
Reset value: undefined
70
C
Z
S
V
DA
H
UF
DP
b7 = C:
Carry Flag. The carry flag C is affected by
the following instructions:
Addition (add, addw, adc, adcw),
Subtraction (sub, subw, sbc, sbcw),
Compare (cp, cpw),
Shift Right Arithmetic (sra, sraw),
Rotate (rrc, rrcw, rlc, rlcw, ror, rol),
Decimal Adjust (da),
Multiply and Divide (mul, div, divws).
When set, it generally indicates a carry out of the
most significant bit position of the register being
used as an accumulator (bit 7 for byte and bit 15 for
word operations).
The carry flag can be set by the Set Carry Flag (scf)
instruction, cleared by the Reset Carry Flag (rcf)in-
struction, and complemented (changed to “0” if “1”,
and vice versa) by the Complement Carry Flag (ccf)
instruction.
b6 = Z:
Zero Flag. The Zero flag is affected by the
following instructions:
Addition (add, addw, adc, adcw),
Subtraction (sub, subw, sbc, sbcw),
Compare (cp, cpw),
Shift Right Arithmetic (sra, sraw),
Rotate (rrc, rrcw, rlc, rlcw, ror, rol),
Decimal Adjust (da),
Multiply and Divide (mul, div, divws),
Logical (and, andw, or, orw, xor, xorw,
cpl
),
Increment and Decrement (inc, incw, dec,
decw
),
Test (tm, tmw, tcm, tcmw, btset).
In most cases, the Zero flag is set when the register
being used as an accumulator register is zero, follow-
ing one of the above operations.
b5 = S:
Sign Flag. The Sign flag is affected by the
same instructions as the Zero flag.
The Sign flag is set when bit 7 (for byte operation)
or bit 15 (for word operation) of the register used as
an accumulator is one.
b4 = V:
Overflow Flag. The Overflow flag is af-
fected by the same instructions as the Zero and
Sign flags.
When set, the Overflow flag indicates that a two’s-
complement number, in a result register, is in error,
since it has exceeded the largest (or is less than
the smallest), number that can be represented in
twos-complement notation.
b3 = DA:
Decimal Adjust Flag. The Decimal Adjust
flag is used for BCD arithmetic. Since the algorithm
for correcting BCD operations is different for addi-
tion and subtraction, this flag is used to specify
which type of instruction was executed last, so that
the subsequent Decimal Adjust (da) operation can
perform its function correctly.
The Decimal Adjust flag cannot normally be used
as a test condition by the programmer.
b2 = H:
Half Carry Flag. The Half Carry flag indi-
cates a carry out of (or a borrow into) bit 3, as the
result of adding or subtracting two 8-bit bytes, each
representing two BCD digits. The Half Carry flag is
used by the Decimal Adjust (da) instruction to con-
vert the binary result of a previous addition or sub-
traction into the correct BCD result.
Like the Decimal Adjust flag, this flag is not nor-
mally accessed by the user.
b1 = UF:
User Flag. Bit 1 in the flag register (UF) is
available to the user, but it must be set or cleared
by an instruction.
b0 = DP:
Data/Program Memory Flag. This bit in
the flag register indicates which memory area is
addressed. Its value is affected by the Set Data
Memory (sdm) and Set Program Memory (spm) in-
structions.
If the bit is set, the ST9 addresses the Data Mem-
ory Area; when the bit is cleared, the ST9 ad-
dresses the Program Memory Area. By reading
this bit, the user can verify in which memory area
the processor is working. The user writes this bit
with the sdm or spm instructions.
SYSTEM REGISTERS (Continued)
®
ST9291
12/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com