Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST9291N2 Datasheet(PDF) 3 Page - STMicroelectronics

Part # ST9291N2
Description  16-48K ROM HCMOS MCU WITH ON SCREEN DISPLAY AND VOLTAGE TUNINGOUTPUT
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST9291N2 Datasheet(HTML) 3 Page - STMicroelectronics

  ST9291N2 Datasheet HTML 1Page - STMicroelectronics ST9291N2 Datasheet HTML 2Page - STMicroelectronics ST9291N2 Datasheet HTML 3Page - STMicroelectronics ST9291N2 Datasheet HTML 4Page - STMicroelectronics ST9291N2 Datasheet HTML 5Page - STMicroelectronics ST9291N2 Datasheet HTML 6Page - STMicroelectronics ST9291N2 Datasheet HTML 7Page - STMicroelectronics ST9291N2 Datasheet HTML 8Page - STMicroelectronics ST9291N2 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
GENERAL DESCRIPTION
The ST9291 is a ROM member of the ST9 family of
microcontrollers, completely developed and pro-
duced by SGS-THOMSON Microelectronics using
a proprietary n-well HCMOS process.
The ROM parts are fully compatible with their
EPROM and OTP (One-Time Programmable) ver-
sions, which may be used for the prototyping and
pre-production phases of development.
The nucleus of the ST9291 is the advanced ST9
Core which includes the Central Processing Unit
(CPU), the Register File, a 16-bit Timer/Watchdog
with 8-bit Prescaler, a Serial Peripheral Interface
supporting S-bus, I
2C-bus and IM-bus Interface,
plus two 8-bit I/O ports. The Core has independent
memory and register buses allowing a high degree
of pipelining to add to the efficiency of the code
execution speed of the extensive instruction set.
The powerful I/O capabilities demanded by micro-
controller applications are fulfilled by the ST9291
with up to 32/42 I/O lines dedicated to digital In-
put/Output. These lines are grouped into up to six
I/O Ports and can be configured on a bit basis un-
der software control to provide timing, status sig-
nals, timer inputs and outputs, analog inputs, ex-
ternal interrupts, OSD (On Screen Display) output
and serial or parallel I/O.
Three basic memory spaces are available to sup-
port this wide range of configurations: Program
Memory, Data Memory and the Register File,
which includes the control and status registers of
the on-chip peripherals.
The human interface is provided by the On Screen
Display module, this can produce up to 15 lines of
up to 34 characters from a ROM defined 128 char-
acter set. The 9x13 character can be modified by 4
different pixel sizes, with character rounding, and
formed into words with colour and format attrib-
utes.
A 14-bit VS (Voltage Synthesis) output using the
PWM (Pulse Width Modulation)/BRM (Bit Rate
Modulation) is present to generate tuning voltages
for low-mid range TV set applications. The tuning
voltage is output on one of two separate output
pins.
A 16-bit Slice Timer with an 8-bit Prescaler is also
present.
CPU
16-Bit TIMER/WATCHDOG+SPI
SLICE
TIMER
VOLTAGE
SYNTHESIS
I/O PORT 0
8
I/O PORT
3
7
On Screen
Display
PLL
HSYNC
PLLR
PLLF
AV
DD
VSYNC
I/O PORT 4
P.W.M.
Outputs
8
P.W.M.
D/ A
Converter
I/O PORT 2
( Analog Inputs )
6
A/ D
Converter
I/O PORT 5
( SPI )
2
MEMORY BUS ( Address & Data )
REGISTER BUS ( Address & Data )
Note : 42 SDIP shown
VR01995E
16 k / 48 k Bytes
ROM or EPROM (1)
384 / 640 Bytes
RAM
256 Bytes
REGISTER FILE
Figure 3. ST9291 Block Diagram
Note 1. EPROM version only
®
ST9291
3/20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com