Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST931 Datasheet(PDF) 2 Page - STMicroelectronics

Part # ST931
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST931 Datasheet(HTML) 2 Page - STMicroelectronics

  ST931 Datasheet HTML 1Page - STMicroelectronics ST931 Datasheet HTML 2Page - STMicroelectronics ST931 Datasheet HTML 3Page - STMicroelectronics ST931 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
THERMAL DATA
Rthj-case
Thermal Resistance Junction-case
Max
1.2
oC/W
ELECTRICAL CHARACTERISTICS (Tcase = 25
oC unless otherwise specified)
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
ICEO
Collector Cut-off
Current (IB = 0)
VCE = 300 V
VCE = 300 V
Tj = 125
oC
100
0.5
µA
mA
IEBO
Emitter Cut-off Current
(IC = 0)
VEB = 5 V
20
mA
VCL
∗
Clamping Voltage
IC = 100 mA
350
500
V
VCE(sat)
∗ Collector-Emitter
Saturation Voltage
IC = 7 A
IB = 70 mA
IC = 8 A
IB = 100 mA
1.6
1.8
V
V
VBE(sat)
∗ Base-Emitter
Saturation Voltage
IC = 7 A
IB = 70 mA
IC = 8 A
IB = 100 mA
2.2
2.4
V
V
hFE
∗
DC Current Gain
IC = 5 A
VCE = 10 V
300
VF
Diode Forward Voltage
IF = 8 A
2.5
V
Functional Test
(see fig. 1)
VCC = 24 V L= 7 mH
8
A
ts
tf
INDUCTIVE LOAD
Storage Time
Fall Time
(see fig. 3)
VCC = 12 V L= 7 mH
Vclamp = 300
V
IC = 7 A IB = 70 mA
VBE = 0
RBE = 47
Ω
15
0.5
µs
µs
∗ Pulsed: Pulse duration = 300 µs, duty cycle 1.5 %
ST931ZT
2/4



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com