Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST931 Datasheet(PDF) 1 Page - STMicroelectronics

Part # ST931
Description  HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST931 Datasheet(HTML) 1 Page - STMicroelectronics

  ST931 Datasheet HTML 1Page - STMicroelectronics ST931 Datasheet HTML 2Page - STMicroelectronics ST931 Datasheet HTML 3Page - STMicroelectronics ST931 Datasheet HTML 4Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
ST931ZT
HIGH VOLTAGE IGNITION COIL DRIVER
NPN POWER DARLINGTON
s
VERY RUGGED BIPOLAR TECHNOLOGY
s
BUILT IN CLAMPING ZENER
s
HIGH OPERATING JUNCTION
TEMPERATURE
APPLICATIONS
s
HIGH RUGGEDNESS ELECTRONIC
IGNITIONS
DESCRIPTION
The
ST931ZT
is
specifically
designed
for
automotive electronic ignition.
The built in clamping Zener is characterized with
tight voltage spread range (350V to 500V).
®
INTERNAL SCHEMATIC DIAGRAM
March 1999
ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCEO
Collector-Emitter Voltage (IB = 0)
350
V
VEBO
Emitter-Base Voltage (IC = 0)
5
V
IC
Collector Current
10
A
ICM
Collector Peak Current
15
A
IB
Base Current
1
A
IBM
Base Peak Current
5
A
Ptot
Total Dissipation at Tc = 25
oC
125
W
Tstg
Storage Temperature
-65 to 175
oC
Tj
Max. Operating Junction Temperature
175
oC
1
2
3
TO-220
1/4


Similar Part No. - ST931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST93003 STMICROELECTRONICS-ST93003 Datasheet
254Kb / 7P
HIGH VOLTAGE FAST-SWITCHING PNP POWER TRANSISTOR
Oct-2002
logo
StarTech.com Ltd.
ST93007U2C STARTECH-ST93007U2C Datasheet
203Kb / 4P
7-Port USB 3.0 Hub plus Dedicated Charging Ports - 2 x 2.4A Ports
logo
STMicroelectronics
ST93C06 STMICROELECTRONICS-ST93C06 Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B1013TR STMICROELECTRONICS-ST93C06B1013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
ST93C06B3013TR STMICROELECTRONICS-ST93C06B3013TR Datasheet
118Kb / 15P
256 bit 16 x 16 or 32 x 8 SERIAL MICROWIRE EEPROM
Jun-1997
More results

Similar Description - ST931

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BU931 STMICROELECTRONICS-BU931 Datasheet
73Kb / 7P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Sep-1999
BU941 STMICROELECTRONICS-BU941 Datasheet
87Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Dec-1999
BU941Z STMICROELECTRONICS-BU941Z Datasheet
84Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-2000
BU941ZT STMICROELECTRONICS-BU941ZT Datasheet
83Kb / 8P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jan-1999
ST901T STMICROELECTRONICS-ST901T Datasheet
61Kb / 4P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
Jun-1997
logo
Unisonic Technologies
BU941 UTC-BU941 Datasheet
179Kb / 4P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941 UTC-BU941_07 Datasheet
164Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
BU941Z UTC-BU941Z Datasheet
202Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
logo
New Jersey Semi-Conduct...
BU491 NJSEMI-BU491 Datasheet
92Kb / 2P
HIGH VOLTAGE IGNITION COIL DRIVER NPN POWER DARLINGTON
logo
Unisonic Technologies
BU941Z UTC-BU941Z_15 Datasheet
218Kb / 5P
NPN POWER DARLINGTON HIGH VOLTAGE IGNITION COIL DRIVER
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com