Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3KB Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # S3KB
Description  3.0A Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S3KB Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  S3KB Datasheet HTML 1Page - TAITRON Components Incorporated S3KB Datasheet HTML 2Page - TAITRON Components Incorporated S3KB Datasheet HTML 3Page - TAITRON Components Incorporated S3KB Datasheet HTML 4Page - TAITRON Components Incorporated S3KB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/JJ 2007-06-15
S3AB-S3MB
3.0A SURFACE MOUNT RECTIFIER
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 5
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
3.0A Surface Mount Rectifier
Features
• Glass passivated junction
• Plastic package has underwriters laboratory
flammability classification 94 V-0
• High temperature soldering: 250 °C / 10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AA molded plastic
Terminals:
Solder plated solderable per MIL-STD-750, Method 2026
Polarity:
cathode end indicated by color band
Weight:
0.003 Ounce, 0.093 gram
Maximum Ratings (T
Ambient=25ºC unless noted)
Symbol
Description
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
Unit
Conditions
VRRM
Maximum Repetitive
Peak Reverse
Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS
Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC
Blocking Voltage
50
100
200
400
600
800
1000
V
IAV
Maximum Average
Forward Rectified
Current @TL=103°C
3.0
A
Thermal resistance from
junction to ambient and
from junction to lead
mounted on P.C.B. with
0.3 x 0.3" (8.0 x 8.0 mm)
copper pad area
IFSM
Peak Forward Surge
Current
100
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
method)
5.0
TA = 25 °C
IR
Maximum DC
Reverse Current at
Rated DC Blocking
Voltage
250
µA
TA = 125 °C
TJ,TSTG
Operating Junction
and Storage
Temperature Range
-55 to 150
° C
SMB
(DO-214AA)


Similar Part No. - S3KB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
S3KB DIODES-S3KB Datasheet
48Kb / 2P
3.0A FAST RECOVERY GLASS PASSIVATED RECTIFIER
DS16005 Rev. 8 - 2
logo
List of Unclassifed Man...
S3KB ETC1-S3KB Datasheet
67Kb / 2P
3.0A SURFACE MOUNT GLASS PASSVATED RECTIFIER
logo
Won-Top Electronics
S3KB WTE-S3KB Datasheet
45Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED STANDARD DIODE
logo
Taiwan Semiconductor Co...
S3KB TSC-S3KB Datasheet
54Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
S3KB TSC-S3KB Datasheet
143Kb / 2P
3.0 AMPS. Surface Mount Rectifiers
More results

Similar Description - S3KB

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
ES3A DIODES-ES3A Datasheet
46Kb / 2P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS14003 Rev. E1-2
ES3A_ DIODES-ES3A_ Datasheet
107Kb / 3P
3.0A SURFACE MOUNT SUPER-FAST RECTIFIER
DS14003 Rev. 10 - 2
B320 DIODES-B320_1 Datasheet
158Kb / 3P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 2 - 2
logo
TAITRON Components Inco...
S3A TAITRON-S3A Datasheet
191Kb / 5P
3.0A Surface Mount Rectifier
SS32A TAITRON-SS32A Datasheet
202Kb / 4P
3.0A Surface Mount Schottky Rectifier
SS32B TAITRON-SS32B Datasheet
182Kb / 3P
3.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B320 DIODES-B320_10 Datasheet
96Kb / 5P
3.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
DS30923 Rev. 7 - 2
S3G-13-F DIODES-S3G-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
S3GB-13-F DIODES-S3GB-13-F Datasheet
248Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 17
S3JB-13-F DIODES-S3JB-13-F Datasheet
133Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED RECTIFIER
Rev 16
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com