Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

S3KB Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # S3KB
Description  3.0A Surface Mount Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

S3KB Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  S3KB Datasheet HTML 1Page - TAITRON Components Incorporated S3KB Datasheet HTML 2Page - TAITRON Components Incorporated S3KB Datasheet HTML 3Page - TAITRON Components Incorporated S3KB Datasheet HTML 4Page - TAITRON Components Incorporated S3KB Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
3.0A Surface Mount Rectifier
Rev. A/JJ 2007-06-15
S3AB-S3MB
www.taitroncomponents.com
Page 2 of 5
Fig.1- Forward Current Derating Curve
Lead Temperature (° C)
Electrical Characteristics (T
Ambient=25ºC unless noted)
Typical Characteristics Curves
Symbol
Description
S3AB
S3BB
S3DB
S3GB
S3JB
S3KB
S3MB
Unit
Conditions
VF
Maximum
Instantaneous
Forward Voltage
1.15
V
IF at 2.5 A
Trr
Typical Reverse
Recovery Time
2.5
µS
IF = 0.5A, IR= 1.0A, Irr
=0.25A
CJ
Typical Junction
Capacitance
60
pf
Measured at 1.0 MHZ and
Applied
Vr = 4.0 volts.
Rθ-JA
47
Rθ-JL
Maximum Thermal
Resistance
13
° C/W
Mounted on 0.3" x 0.3"
(8mmx8mm)
copper pad
area
Fig.2-Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com