Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22 Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # SS22
Description  2.0A Surface Mount Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS22 Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  SS22 Datasheet HTML 1Page - TAITRON Components Incorporated SS22 Datasheet HTML 2Page - TAITRON Components Incorporated SS22 Datasheet HTML 3Page - TAITRON Components Incorporated SS22 Datasheet HTML 4Page - TAITRON Components Incorporated SS22 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Rev. A/AH 2008-01-24
SS22 – SS210
2.0A Surface Mount
Schottky Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
2.0A Surface Mount Schottky Rectifier
Features
• For surface mount applications
• Metal-Semiconductor Junction with Guarding
• Epitaxial Construction
• Very low forward voltage drop
• High current capability
• For use in low voltage, high frequency inventers,
free wheeling, and polarity protection applications
• Plastic package has Underwriters Laboratory Flammability
Classification 94V-0
• High temperature soldering guaranteed: 250° C/10 seconds at terminals
• RoHS compliant
Mechanical Data
Case:
JEDEC DO-214AA, Molded plastic body
Terminals:
Solder plated, solderable per MIL-STD-750, Method 2026
Polarity
Color band denotes the cathode end
Weight:
0.003 ounce, 0.093 gram
Maximum Ratings & Electrical Characteristics (T
Ambient=25ºC unless noted otherwise)
Symbols
Description
SS22
SS23
SS24
SS25
SS26
SS29
SS210
Unit
Conditions
Device Marking Code
S2
S3
S4
S5
S6
S9
S10
VRRM
Maximum Repetitive Peak
Reverse Voltage
20
30
40
50
60
90
100
V
VRMS
Maximum RMS Voltage
14
21
28
35
42
63
70
V
VDC
Maximum DC Blocking
Voltage
20
30
40
50
60
90
100
V
I(AV)
Maximum Average
Forward Rectified Current
(FIG.1)
2.0
A
TL=105° C
IFSM
Peak Forward Surge
Current
50
A
8.3ms single half sine-
wave superimposed on
rated load (JEDEC
Method)
VF
Maximum Instantaneous
Forward Voltage at 2.0A
DC
0.50
0.70
0.79
V
0.5
TA=25 °C
IR
Maximum DC Reverse
Current at Rated DC
Blocking Voltage (Note 1)
15
mA
TA=100 °C
SMB
(DO-214AA)


Similar Part No. - SS22

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
SS22 ZOWIE-SS22 Datasheet
51Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Jinan Gude Electronic D...
SS22 JGD-SS22 Datasheet
159Kb / 2P
2.0 AMPS. SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Shanghai Sunrise Electr...
SS22 SSE-SS22 Datasheet
16Kb / 1P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
SS22 FAIRCHILD-SS22 Datasheet
41Kb / 3P
2.0 Ampere Schottky Barrier Rectifiers
logo
General Semiconductor
SS22 GE-SS22 Datasheet
85Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
More results

Similar Description - SS22

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
MFPS22S TAITRON-MFPS22S Datasheet
153Kb / 4P
2.0A Surface Mount Schottky Rectifier
logo
Diodes Incorporated
B220-13 DIODES-B220-13 Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B230-13-F DIODES-B230-13-F Datasheet
249Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 21
B250A-13 DIODES-B250A-13 Datasheet
106Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 16
logo
SUNMATE electronic Co.,...
SK22 SUNMATE-SK22 Datasheet
146Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
SS22 SUNMATE-SS22 Datasheet
100Kb / 2P
2.0A Surface Mount Schottky Barrier Rectifier
logo
Diodes Incorporated
MBR230S1F DIODES-MBR230S1F_15 Datasheet
251Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev erse
B220AQ DIODES-B220AQ Datasheet
286Kb / 6P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
DFLS230LQ DIODES-DFLS230LQ Datasheet
287Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev 2
PD3S230HQ DIODES-PD3S230HQ Datasheet
224Kb / 5P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
Rev. 1 - 2 March 2014
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com