Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SS22 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # SS22
Description  2.0A Surface Mount Schottky Rectifier
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

SS22 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  SS22 Datasheet HTML 1Page - TAITRON Components Incorporated SS22 Datasheet HTML 2Page - TAITRON Components Incorporated SS22 Datasheet HTML 3Page - TAITRON Components Incorporated SS22 Datasheet HTML 4Page - TAITRON Components Incorporated SS22 Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2.0A Surface Mount Schottky Rectifier
Rev. A/AH 2008-01-24
SS22 – SS210
www.taitroncomponents.com
Page 2 of 5
Fig.1- Forward Current Derating Curve
Lead Temperature TL (°C)
Fig.2- Max. Non-Repetitive Forward Surge Current
Number of Cycles at 60Hz
Symbols
Description
SS22
SS23
SS24
SS25
SS26
SS29
SS210
Unit
Conditions
CJ
Typical Junction
Capacitance (Note 1)
75
pF
RθJL
Maximum Thermal
Resistance Junction to
Lead
15
° C/W
TJ
Operating Junction
Temperature Range
-55 to +125
° C
TSTG
Storage Temperature
Range
-55 to +150
° C
Note: 1. Measured at 1.0MHz and applied reverse voltage of 4.0V DC
Typical Characteristics Curves



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com