Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158T1 Datasheet(PDF) 39 Page - STMicroelectronics

Part # ST90R158T1
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158T1 Datasheet(HTML) 39 Page - STMicroelectronics

Back Button ST90R158T1 Datasheet HTML 35Page - STMicroelectronics ST90R158T1 Datasheet HTML 36Page - STMicroelectronics ST90R158T1 Datasheet HTML 37Page - STMicroelectronics ST90R158T1 Datasheet HTML 38Page - STMicroelectronics ST90R158T1 Datasheet HTML 39Page - STMicroelectronics ST90R158T1 Datasheet HTML 40Page - STMicroelectronics ST90R158T1 Datasheet HTML 41Page - STMicroelectronics ST90R158T1 Datasheet HTML 42Page - STMicroelectronics ST90R158T1 Datasheet HTML 43Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 190 page
background image
39/190
ST90158 - REGISTER AND MEMORY MAP
3.3 MEMORY MAP
Figure 18. Memory Map
010000h
00FFFFh
00C000h
00BFFFh
008000h
007FFFh
004000h
000000h
003FFFh
PAGE 0 - 16 Kbytes
PAGE 1 - 16 Kbytes
PAGE 2 - 16 Kbytes
PAGE 3 - 16 Kbytes
200000h
22FFFFh
20C000h
20BFFFh
208000h
207FFFh
204000h
203FFFh
PAGE 80 - 16 Kbytes
PAGE 81 - 16 Kbytes
PAGE 82 - 16 Kbytes
PAGE 83 - 16 Kbytes
External
Memory
Reserved
External
Memory
SEGMENTS 21h and 22h
128 Kbytes
(external ROM on
20FFFFh
230000h
3FFFFFh
Lower Memory
(usually ROM/EPROM mapped
Upper Memory
(usually RAM mapped
210000h
Note: The total amount of directly addressable external memory is 64 Kbytes.
in Segment 1)
in Segment 23h)
1FFFFFh
000000 h
003FFFh
ROM
16 Kbytes
Internal
24 Kbytes
32 Kbytes
48 Kbytes
64 Kbytes
00FFFFh
007FFFh
00BFFFh
00FFFFh
RAM
512 bytes
Internal
768 bytes
1 Kbytes
1.5 Kbytes
2 Kbytes
20F800h
20FA00h
20FC00h
20FD00h
20FE00h
20FFFFh
64 Kbytes
SEGMENT 0
64 Kbytes
SEGMENT 20h
Internal ROM/EPROM
ROMless devices)
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com