Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST90R158T1 Datasheet(PDF) 45 Page - STMicroelectronics

Part # ST90R158T1
Description  8/16-BIT MCU FAMILY WITH UP TO 64K ROM/OTP/EPROM AND UP TO 2K RAM
PDF  190 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST90R158T1 Datasheet(HTML) 45 Page - STMicroelectronics

Back Button ST90R158T1 Datasheet HTML 41Page - STMicroelectronics ST90R158T1 Datasheet HTML 42Page - STMicroelectronics ST90R158T1 Datasheet HTML 43Page - STMicroelectronics ST90R158T1 Datasheet HTML 44Page - STMicroelectronics ST90R158T1 Datasheet HTML 45Page - STMicroelectronics ST90R158T1 Datasheet HTML 46Page - STMicroelectronics ST90R158T1 Datasheet HTML 47Page - STMicroelectronics ST90R158T1 Datasheet HTML 48Page - STMicroelectronics ST90R158T1 Datasheet HTML 49Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 190 page
background image
45/190
ST90158 - REGISTER AND MEMORY MAP
11
STIM
R240
STH
Counter High Byte Register
FF
R241
STL
Counter Low Byte Register
FF
R242
STP
Standard Timer Prescaler Register
FF
R243
STC
Standard Timer Control Register
14
12
MFT3
R240
REG0HR1
Capture Load Register 0 High
xx
R241
REG0LR1
Capture Load Register 0 Low
xx
R242
REG1HR1
Capture Load Register 1 High
xx
R243
REG1LR1
Capture Load Register 1 Low
xx
R244
CMP0HR1
Compare 0 Register High
00
R245
CMP0LR1
Compare 0 Register Low
00
R246
CMP1HR1
Compare 1 Register High
00
R247
CMP1LR1
Compare 1 Register Low
00
R248
TCR1
Timer Control Register
0x
R249
TMR1
Timer Mode Register
00
R250
ICR1
External Input Control Register
0x
R251
PRSR1
Prescaler Register
00
R252
OACR1
Output A Control Register
xx
R253
OBCR1
Output B Control Register
xx
R254
FLAGR1
Flags Register
00
R255
IDMR1
Interrupt/DMA Mask Register
00
13
R244
DCPR0
DMA Counter Pointer Register
xx
R245
DAPR0
DMA Address Pointer Register
xx
R246
IVR0
Interrupt Vector Register
xx
R247
IDCR0
Interrupt/DMA Control Register
C7
21
MMU
R240
DPR0
Data Page Register 0
xx
R241
DPR1
Data Page Register 1
xx
R242
DPR2
Data Page Register 2
xx
R243
DPR3
Data Page Register 3
xx
R244
CSR
Code Segment Register
00
R248
ISR
Interrupt Segment Register
xx
R249
DMASR
DMA Segment Register
xx
EXTMI
R245
EMR1
External Memory Register 1
80
R246
EMR2
External Memory Register 2
0F
Page
(Decimal)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com