Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1T Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST92F120JR1T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1T Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST92F120JR1T Datasheet HTML 62Page - STMicroelectronics ST92F120JR1T Datasheet HTML 63Page - STMicroelectronics ST92F120JR1T Datasheet HTML 64Page - STMicroelectronics ST92F120JR1T Datasheet HTML 65Page - STMicroelectronics ST92F120JR1T Datasheet HTML 66Page - STMicroelectronics ST92F120JR1T Datasheet HTML 67Page - STMicroelectronics ST92F120JR1T Datasheet HTML 68Page - STMicroelectronics ST92F120JR1T Datasheet HTML 69Page - STMicroelectronics ST92F120JR1T Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 320 page
background image
66/320
ST92F120 - REGISTER AND MEMORY MAP
8
MFT1
R240
REG0HR1
Capture Load Register 0 High
xx
174
R241
REG0LR1
Capture Load Register 0 Low
xx
174
R242
REG1HR1
Capture Load Register 1 High
xx
174
R243
REG1LR1
Capture Load Register 1 Low
xx
174
R244
CMP0HR1
Compare 0 Register High
00
174
R245
CMP0LR1
Compare 0 Register Low
00
174
R246
CMP1HR1
Compare 1 Register High
00
174
R247
CMP1LR1
Compare 1 Register Low
00
174
R248
TCR1
Timer Control Register
00
175
R249
TMR1
Timer Mode Register
00
176
R250
T_ICR1
External Input Control Register
00
177
R251
PRSR1
Prescaler Register
00
177
R252
OACR1
Output A Control Register
00
178
R253
OBCR1
Output B Control Register
00
179
R254
T_FLAGR1
Flags Register
00
179
R255
IDMR1
Interrupt/DMA Mask Register
00
181
9
R244
DCPR1
DMA Counter Pointer Register
xx
174
R245
DAPR1
DMA Address Pointer Register
xx
174
R246
T_IVR1
Interrupt Vector Register
xx
174
R247
IDCR1
Interrupt/DMA Control Register
C7
174
MFT0,1
R248
IOCR
I/O Connection Register
FC
183
MFT0
R240
DCPR0
DMA Counter Pointer Register
xx
181
R241
DAPR0
DMA Address Pointer Register
xx
182
R242
T_IVR0
Interrupt Vector Register
xx
182
R243
IDCR0
Interrupt/DMA Control Register
C7
183
10
R240
REG0HR0
Capture Load Register 0 High
xx
174
R241
REG0LR0
Capture Load Register 0 Low
xx
174
R242
REG1HR0
Capture Load Register 1 High
xx
174
R243
REG1LR0
Capture Load Register 1 Low
xx
174
R244
CMP0HR0
Compare 0 Register High
00
174
R245
CMP0LR0
Compare 0 Register Low
00
174
R246
CMP1HR0
Compare 1 Register High
00
174
R247
CMP1LR0
Compare 1 Register Low
00
174
R248
TCR0
Timer Control Register
00
175
R249
TMR0
Timer Mode Register
00
176
R250
T_ICR0
External Input Control Register
00
177
R251
PRSR0
Prescaler Register
00
177
R252
OACR0
Output A Control Register
00
178
R253
OBCR0
Output B Control Register
00
179
R254
T_FLAGR0
Flags Register
00
179
R255
IDMR0
Interrupt/DMA Mask Register
00
181
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com