Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1T Datasheet(PDF) 70 Page - STMicroelectronics

Part # ST92F120JR1T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1T Datasheet(HTML) 70 Page - STMicroelectronics

Back Button ST92F120JR1T Datasheet HTML 66Page - STMicroelectronics ST92F120JR1T Datasheet HTML 67Page - STMicroelectronics ST92F120JR1T Datasheet HTML 68Page - STMicroelectronics ST92F120JR1T Datasheet HTML 69Page - STMicroelectronics ST92F120JR1T Datasheet HTML 70Page - STMicroelectronics ST92F120JR1T Datasheet HTML 71Page - STMicroelectronics ST92F120JR1T Datasheet HTML 72Page - STMicroelectronics ST92F120JR1T Datasheet HTML 73Page - STMicroelectronics ST92F120JR1T Datasheet HTML 74Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 320 page
background image
70/320
ST92F120 - REGISTER AND MEMORY MAP
29
EFT1
R240
IC1HR1
Input Capture 1 High Register
xx
152
R241
IC1LR1
Input Capture 1 Low Register
xx
152
R242
IC2HR1
Input Capture 2 High Register
xx
152
R243
IC2LR1
Input Capture 2 Low Register
xx
152
R244
CHR1
Counter High Register
FF
153
R245
CLR1
Counter Low Register
FC
153
R246
ACHR1
Alternate Counter High Register
FF
153
R247
ACLR1
Alternate Counter Low Register
FC
153
R248
OC1HR1
Output Compare 1 High Register
80
154
R249
OC1LR1
Output Compare 1 Low Register
00
154
R250
OC2HR1
Output Compare 2 High Register
80
154
R251
OC2LR1
Output Compare 2 Low Register
00
154
R252
CR1_1
Control Register 1
00
156
R253
CR2_1
Control Register 2
00
156
R254
SR1
Status Register
00
156
R255
CR3_1
Control Register 3
00
156
43
I/O
Port
8
R248
P8C0
Port 8 Configuration Register 0
03
123
R249
P8C1
Port 8 Configuration Register 1
00
R250
P8C2
Port 8 Configuration Register 2
00
R251
P8DR
Port 8 Data Register
FF
I/O
Port
9
R252
P9C0
Port 9 Configuration Register 0
00
R253
P9C1
Port 9 Configuration Register 1
00
R254
P9C2
Port 9 Configuration Register 2
00
R255
P9DR
Port 9 Data Register
FF
55
RCCU
R240
CLKCTL
Clock Control Register
00
106
R242
CLK_FLAG
Clock Flag Register
48, 28 or 08
107
R246
PLLCONF
PLL Configuration Register
xx
107
57
WUIMU
R249
WUCTRL
Wake-Up Control Register
00
91
R250
WUMRH
Wake-Up Mask Register High
00
92
R251
WUMRL
Wake-Up Mask Register Low
00
92
R252
WUTRH
Wake-Up Trigger Register High
00
93
R253
WUTRL
Wake-Up Trigger Register Low
00
93
R254
WUPRH
Wake-Up Pending Register High
00
93
R255
WUPRL
Wake-Up Pending Register Low
00
93
Page
(Dec)
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com