Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1T Datasheet(PDF) 292 Page - STMicroelectronics

Part # ST92F120JR1T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1T Datasheet(HTML) 292 Page - STMicroelectronics

Back Button ST92F120JR1T Datasheet HTML 288Page - STMicroelectronics ST92F120JR1T Datasheet HTML 289Page - STMicroelectronics ST92F120JR1T Datasheet HTML 290Page - STMicroelectronics ST92F120JR1T Datasheet HTML 291Page - STMicroelectronics ST92F120JR1T Datasheet HTML 292Page - STMicroelectronics ST92F120JR1T Datasheet HTML 293Page - STMicroelectronics ST92F120JR1T Datasheet HTML 294Page - STMicroelectronics ST92F120JR1T Datasheet HTML 295Page - STMicroelectronics ST92F120JR1T Datasheet HTML 296Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 292 / 320 page
background image
292/320
ST92F120 - ELECTRICAL CHARACTERISTICS
11 ELECTRICAL CHARACTERISTICS
This product contains devices to protect the inputs
against damage due to high static voltages, how-
ever it is advisable to take normal precautions to
avoid application of any voltage higher than the
specified maximum rated voltages.
For proper operation it is recommended that VIN
and VO be higher than VSS and lower than VDD.
Reliability is enhanced if unused inputs are con-
nected to an appropriate logic voltage level (VDD
or VSS).
Power Considerations. The average chip-junc-
tion temperature, TJ, in Celsius can be obtained
from:
TJ =TA +PD x RthJA
Where: TA =
Ambient Temperature.
RthJA = Package thermal resistance
(junction-to ambient).
PD =PINT +PPORT.
PINT =IDD xVDD (chip internal power).
PPORT =Port power dissipation
(determined by the user)
ABSOLUTE MAXIMUM RATINGS
Note:
Stresses above those listed as “absolute maximum ratings“ may cause permanent damage to the device. This is a stress rating only and
functional operation of the device at these conditions is not implied. Exposure to maximum rating conditions for extended periods may affect
device reliabili ty. All voltages are referenced to VSS=0.
(1) AVDD can be shut down while the A/D Converter is not in use.
THERMAL CHARACTERISTICS
RECOMMENDED OPERATING CONDITIONS
Note:
(1) 1MHz when A/D or JBLPD is used, 2.6MHz when I
2C is used.
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
– 0.3 to 6.5
V
AVDD
A/D Converter Analog Reference
up to VDD + 0.3
(1)
V
AVSS
A/D Converter VSS
VSS
VIN
Input Voltage (standard I/O pins)
– 0.3 to VDD + 0.3
V
VINOD
Input Voltage (open drain I/O pins)
– 0.3 to 7
V
VAIN
Analog Input Voltage (A/D Converter)
AVSS to AVDD
V
TSTG
Storage Temperature
– 55 to +150
°C
IINJ
Pin Injection Current - Digital and Analog Input
±10
mA
Maximum Accumulated Pin injection Current in the device
±100
mA
ESD
ESD Susceptibility
2000
V
Symbol
Package
Value
Unit
RthJA
TQFP64
PQFP100
45
40
°C/W
Symbol
Parameter
Value
Unit
Min
Max
TA
Operating Temperature
–40
105
°C
VDD
Operating Supply Voltage
4.5
5.5
V
AVDD
Analog Supply Voltage
0
VDD + 0.3
V
fINTCLK
Internal Clock Frequency @ 4.5V - 5.5V
0(1)
24
MHz
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com