Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92F120JR1T Datasheet(PDF) 311 Page - STMicroelectronics

Part # ST92F120JR1T
Description  8/16-BIT FLASH MCU FAMILY WITH RAM, EEPROM AND J1850 BLPD
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92F120JR1T Datasheet(HTML) 311 Page - STMicroelectronics

Back Button ST92F120JR1T Datasheet HTML 307Page - STMicroelectronics ST92F120JR1T Datasheet HTML 308Page - STMicroelectronics ST92F120JR1T Datasheet HTML 309Page - STMicroelectronics ST92F120JR1T Datasheet HTML 310Page - STMicroelectronics ST92F120JR1T Datasheet HTML 311Page - STMicroelectronics ST92F120JR1T Datasheet HTML 312Page - STMicroelectronics ST92F120JR1T Datasheet HTML 313Page - STMicroelectronics ST92F120JR1T Datasheet HTML 314Page - STMicroelectronics ST92F120JR1T Datasheet HTML 315Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 311 / 320 page
background image
311/320
ST92F120 - ELECTRICAL CHARACTERISTICS
I2C/DDC-BUS ELECTRICAL SPECIFICATIONS
(VDD =5V ± 10%, TA = –40°C to +105°C, CLoad = 50pF, fINTCLK = 24MHz, unless otherwise specified)
Legend:
N/A = not applicable
Cb = capacitance of one bus in pF
Symbol
Parameter
Standard mode I2C
Fast mode I2C
Unit
Min
Max
Min
Max
VHYS
Hysteresis of Schmitt trigger inputs
fixed input levels
VDD-related input levels
N/A
N/A
N/A
N/A
0.2
0.05 VDD
V
TSP
Pulse width of spikes which must be sup-
pressed by the input filter
N/A
N/A
0
50
ns
VOL1
VOL2
Low level output voltage (open drain and open
collector)
at 3 mA sink current
at 6 mA sink current
0
N/A
0.4
N/A
0
0
0.4
0.6
V
TOF
Output fall time from VIH min to VIL max with a
bus capacitance from 10 pF to 400 pF
with up to 3 mA sink current at VOL1
with up to 6 mA sink current at VOL2
N/A
250
N/A
20+0.1Cb
20+0.1Cb
250
250
ns
I
Input current each I/O pin with an input voltage
between 0.4V and 0.9 VDD max
-10
10
-10
10
µA
C
Capacitance for each I/O pin
10
10
pF
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com