Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP210G Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # TP210G
Description  2.0A Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TP210G Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  TP210G Datasheet HTML 1Page - TAITRON Components Incorporated TP210G Datasheet HTML 2Page - TAITRON Components Incorporated TP210G Datasheet HTML 3Page - TAITRON Components Incorporated TP210G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2008-05-23
TP200G – TP210G
2.0A Glass Passivated
Bridge Rectifier
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Tel: (800)-TAITRON (800)-824-8766 (661)-257-6060
Fax: (800)-TAITFAX (800)-824-8329 (661)-257-6415
Page 1 of 4
2.0A Glass Passivated Bridge Rectifier
Features
• Glass passivated chip junction
• High surge current capability
• High case dielectric strength
• Ideal for printed circuit boards
• High temperature soldering guaranteed: 260˚C/10 seconds
0.375” (9.5mm) lead length at 5lbs.(2.3kg) tension
• RoHS compliant
Mechanical Data
Case:
TP, Molded plastic body over passivated junction
Epoxy:
Plastic package has UL flammability classification 94V-0
Terminals:
Plated leads solderable per MIL-STD-202, Method 208
Polarity:
As marked on case
Weight:
0.06 ounce, 1.7 gram
Maximum Ratings And Electrical Characteristics (T
amb=25˚C)
Symbols
Parameter
TP
200G
TP
201G
TP
202G
TP
204G
TP
206G
TP
208G
TP
210G
Unit
Conditions
VRRM
Maximum Repetitive Peak
Reverse Voltage
50
100
200
400
600
800
1000
V
VRMS
Maximum RMS Voltage
35
70
140
280
420
560
700
V
VDC
Maximum DC Blocking
Voltage
50
100
200
400
600
800
1000
V
IF(AV)
Maximum Average Forward
Rectified Current
2.0
A
TA=55° C
IFSM
Peak Forward Surge Current
60
A
8.3ms Single
Sine-wave
Superimposed
on Rated Load
(JEDEC
Method)
I²t
Rating for Fusing (t<8.3ms)
15
A²sec
TP


Similar Part No. - TP210G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
TP210 ETC1-TP210 Datasheet
62Kb / 2P
1.5 WATT and DUAL OUTPUT DC-DC CONVERTERS
logo
MORNSUN Science& Techno...
TP210 MORNSUN-TP210 Datasheet
226Kb / 4P
Isolated Transmitter
logo
Supertex, Inc
TP2104 SUTEX-TP2104 Datasheet
455Kb / 4P
P-Channel Enhancement-Mode Vertical DMOS FETs
TP2104 SUTEX-TP2104 Datasheet
579Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
TP2104 SUTEX-TP2104 Datasheet
579Kb / 6P
P-Channel Enhancement Mode Vertical DMOS FETs
More results

Similar Description - TP210G

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
2KBP005M WTE-2KBP005M Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
GBP2005 WTE-GBP2005 Datasheet
47Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP200G WTE-KBP200G Datasheet
37Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_1 Datasheet
75Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DS21205 Rev. 10 - 2
logo
Zibo Seno Electronic En...
DB201 ZSELEC-DB201 Datasheet
73Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DBF205 ZSELEC-DBF205 Datasheet
162Kb / 2P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
D2KB1 YFWDIODE-D2KB1 Datasheet
469Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
DB202 YFWDIODE-DB202 Datasheet
437Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
KBP201 YFWDIODE-KBP201 Datasheet
875Kb / 3P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
KBP2005G DIODES-KBP2005G_V01 Datasheet
340Kb / 5P
2.0A GLASS PASSIVATED BRIDGE RECTIFIER
June 2017
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com