Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TP210G Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TP210G
Description  2.0A Glass Passivated Bridge Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TP210G Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TP210G Datasheet HTML 1Page - TAITRON Components Incorporated TP210G Datasheet HTML 2Page - TAITRON Components Incorporated TP210G Datasheet HTML 3Page - TAITRON Components Incorporated TP210G Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Rev. A/AH 2008-05-23
www.taitroncomponents.com
Page 2 of 4
2.0A Glass Passivated Bridge Rectifier
TP200G – TP210G
Fig.1- Derating Curve Output
Rectified Current
Ambient Temperature (°C)
Symbols
Parameter
TP
200G
TP
201G
TP
202G
TP
204G
TP
206G
TP
208G
TP
210G
Unit
Conditions
VF
Maximum Instantaneous
Forward Voltage Drop per leg
1.1
V
IF=3.14A
5.0
TA=25°C
IR
Maximum DC Reverse
Current at Rated DC Blocking
Voltage per leg
500
µA
TA=125°C
CJ
Typical Junction Capacitance
per leg
25
pF
VR=4V, f=1MHz
RθJA
30
RθJL
Typical Thermal Resistance
per leg
11
˚C/W
Note 1
TJ,TSTG
Operating Junction and
Storage Temperature Range
-55 to +165
˚C
Note: 1. Thermal resistance from junction to ambient and from junction to lead mounted on P.C.B.
with 0.47 x 0.47” (12 x12mm) copper pads.
Rating and Characteristic Curves
Fig.2-Maximum Non-Repetitive Peak
Forward Surge Current per leg
Number of Cycles at 60 Hz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com